Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 1 Page - NEC

Part # UPD178024
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 1 Page - NEC

  UPD178024 Datasheet HTML 1Page - NEC UPD178024 Datasheet HTML 2Page - NEC UPD178024 Datasheet HTML 3Page - NEC UPD178024 Datasheet HTML 4Page - NEC UPD178024 Datasheet HTML 5Page - NEC UPD178024 Datasheet HTML 6Page - NEC UPD178024 Datasheet HTML 7Page - NEC UPD178024 Datasheet HTML 8Page - NEC UPD178024 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
©
1999
DATA SHEET
DESCRIPTION
The
µPD178023, 178024 are 8-bit single-chip CMOS microcontrollers containing hardware for digital tuning
systems.
These microcontrollers employ a 78K/0 series architecture CPU and allow easy access to internal memories at
high speed and easy control of peripheral hardware units. The high-speed 78K/0 series instructions are ideal for
system control.
As peripheral hardware, a prescaler, PLL frequency synthesizer, and frequency counter for digital tuning systems
are provided, as well as many I/O ports, timers, A/D converter, serial interface, and a power-ON clear circuit.
In addition, three serial interfaces, I2C bus (IIC0), three-wire (SIO3), and UART are provided.
Moreover, a flash memory model, the
µPD178F124, that operates in the same supply voltage range as the mask
ROM models, and various development tools are also under development.
For the detailed functional description, refer to the following User’s Manuals:
µPD178024, 178124 Subseries User’s Manual : U13915E
78K/0 Series User’s Manual - Instruction
: U12326E
FEATURES
• High-capacity ROM and RAM
Item
Program Memory (ROM)
Data Memory
Part Number
Internal high-speed RAM
µPD178023
24K bytes
1024 bytes
µPD178024
32K bytes
MOS INTEGRATED CIRCUIT
µPD178023,178024
Document No. U14126EJ1V0DS00 (1st edition)
Date Published September 1999 N CP(K)
Printed in Japan
8-BIT SINGLE-CHIP MICROCONTROLLER
• Instruction cycle:
0.45/0.89/1.78/3.56/7.11
µs (with crystal resonator of
fX = 4.5 MHz)
• Many internal hardware units
General-purpose I/O ports, A/D converter, serial
interface (I2C bus and UART mode), timers, frequency
counter, power-ON clear circuit
• Hardware for PLL frequency synthesizer
Dual modulus prescaler, programmable divider,
phase comparator, charge pump
• Vectored interrupt sources: 17
• Supply voltage
:VDD = 4.5 to 5.5 V (during PLL and CPU
operations)
:VDD = 3.5 to 5.5 V (during CPU operation)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD178024

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178024 RENESAS-UPD178024 Datasheet
399Kb / 58P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD178024GC-051 NEC-UPD178024GC-051 Datasheet
467Kb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
logo
Renesas Technology Corp
UPD178024GC-051 RENESAS-UPD178024GC-051 Datasheet
613Kb / 100P
MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD178024GC-051-8BT NEC-UPD178024GC-051-8BT Datasheet
467Kb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
logo
Renesas Technology Corp
UPD178024GC-051-8BT RENESAS-UPD178024GC-051-8BT Datasheet
613Kb / 100P
MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD178024

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com