Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 17 Page - NEC

Part # UPD178024
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 17 Page - NEC

Back Button UPD178024 Datasheet HTML 13Page - NEC UPD178024 Datasheet HTML 14Page - NEC UPD178024 Datasheet HTML 15Page - NEC UPD178024 Datasheet HTML 16Page - NEC UPD178024 Datasheet HTML 17Page - NEC UPD178024 Datasheet HTML 18Page - NEC UPD178024 Datasheet HTML 19Page - NEC UPD178024 Datasheet HTML 20Page - NEC UPD178024 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
17
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
2.1 Memory Size Select Register (IMS)
The memory size select register (IMS) sets the internal memory capacity.
Set the
µPD178023, µPD178024 to C6H, C8H respectively.
Use an 8-bit memory manipulation instruction to set the IMS.
This register is set to CFH at reset.
Caution Be sure to set the IMS to C6H or C8H as the program initial setting. The IMS set value changes
to CFH when reset. Therefore, set C6H or C8H again after reset.
Figure 2-2. Format of Memory Size Select Register (IMS)
RAM2
RAM1
RAM0
Selects Internal High-speed RAM Capacity
1
1
0
1024 bytes
Others
Setting prohibited
RAM3
RAM2
RAM1
RAM0
Selects Internal ROM Capacity
0110
24K bytes
1000
32K bytes
Others
Setting prohibited
Table 2-1 indicates the setting of IMS.
Table 2-1. Set Value of Memory Size Select Register (IMS)
Targeted Model
Set Value of IMS
µPD178023
C6H
µPD178024
C8H
7
RAM2
6
RAM1
5
RAM0
4
0
3
ROM3
2
ROM2
1
ROM1
0
ROM0
Symbol
IMS
At reset
CFH
R/W
R/W
Address
FFF0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com