Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 13 Page - NEC

Part # UPD178024
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 13 Page - NEC

Back Button UPD178024 Datasheet HTML 9Page - NEC UPD178024 Datasheet HTML 10Page - NEC UPD178024 Datasheet HTML 11Page - NEC UPD178024 Datasheet HTML 12Page - NEC UPD178024 Datasheet HTML 13Page - NEC UPD178024 Datasheet HTML 14Page - NEC UPD178024 Datasheet HTML 15Page - NEC UPD178024 Datasheet HTML 16Page - NEC UPD178024 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
1.3 I/O Circuits of Pins and Recommended Connections of Unused Pins
Table 1-1 shows the types of the I/O circuits of the respective pins and the recommended connections of the pins
when they are not used. For the configuration of the I/O circuit of each pin, refer to Figure 1-1.
Table 1-1. I/O Circuit Type of Each Pin
Pin Name
I/O Circuit Type
I/O
Recommended Connection of Unused Pin
P00/INTP0-P04/INTP4
8
I/O
Set these pins in general-purpose input mode in software, and connect
P05, P06
each of them to VDD, VDDPORT, GND, or GNDPORT via resistor.
P10/ANI0-P15/ANI5
25
Input
Connect each of them to VDD, VDDPORT, GND, or GNDPORT via resistor.
P30-P32
5
I/O
Set these pins in general-purpose input mode in software, and output
P33/TI50
5-K
low-level signal. Leave unconnected.
P34/TI51
P35
5
P36/BEEP0
P37
P40-P47
5-A
Set these pins in general-purpose input mode in software, and connect each
of them to GND or GNDPORT via resistor.
P50-P57
5
Set these pins in general-purpose input mode in software, and connect each
of them to VDD, VDDPORT, GND, or GNDPORT via resistor.
P60-P67
5
Set these pins in general-purpose input mode in software, and output
low-level signal. Leave unconnected.
P70/SI3
5-K
Set these pins in general-purpose input mode in software, and connect each
P71/SO3
5
of them to VDD, VDDPORT, GND, or GNDPORT via resistor.
P72/SCK3
5-K
P73
5
P74/RXD0
5-K
P75/TXD0
5
P76/SDA0
10-D
P77/SCL0
P120-P125
5
P130/TO50
19
Output
Set these pins to low-level output in software and leave unconnected.
P131/TO51
P132
EO0, EO1
DTS-EO1
Output
Leave unconnected.
VCOL, VCOH
DTS-AMP
Input
Disable PLL in software and select pull-down.
AMIFC, FMIFC
Set these pins in general-purpose input port mode in software and connect
each of them to VDD, VDDPORT, GND, or GNDPORT via resistor.
REGOSC, REGCPU
–
–
Connect these pins to GND via 0.1-
µF capacitor.
RESET
2
Input
–
VDDPLL
–
–
Connect this pin to VDD.
GNDPLL
Directly connect these pins to GND or GNDPORT.
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com