Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 48 Page - NEC

Part # UPD178024
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 48 Page - NEC

Back Button UPD178024 Datasheet HTML 44Page - NEC UPD178024 Datasheet HTML 45Page - NEC UPD178024 Datasheet HTML 46Page - NEC UPD178024 Datasheet HTML 47Page - NEC UPD178024 Datasheet HTML 48Page - NEC UPD178024 Datasheet HTML 49Page - NEC UPD178024 Datasheet HTML 50Page - NEC UPD178024 Datasheet HTML 51Page - NEC UPD178024 Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
48
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
• When in-circuit emulator IE-78001-R-A is used
IE-78001-R-A
In-circuit emulator common to 78K/0 series
IE-70000-98-IF-C
Interface adapter necessary when a PC-9800 series (except notebook-type PC) is used as host
machine (C bus supported)
IE-70000-PC-IF-C
Interface adapter when a IBM PC/AT compatible machine is used (ISA bus supported)
IE-70000-PCI-IF
Interface adapter necessary when a PC with a PCI bus is used as host machine
IE-78000-R-SV3
Interface adapter and cable necessary when an EWS is used as host machine
IE-178134-NS-EM1Note4
Emulation board for emulating the
µPD178024 subseries
IE-78K0-R-EX1
Emulation probe conversion board necessary when using IE-178134-NS-EM1 on IE-78001-R-A.
EP-78130GF-R
Emulation probe for 80-pin plastic QFP (GF-3B9 type)
EV-9200G-80
Socket to be mounted on the board of the target system for 80-pin plastic QFP (GF-3B9 type)
EP-78230GC-R
Emulation probe for 80-pin plastic QFP (GC-8BT type)
EV-9200GC-80
Socket to be mounted on the board of the target system for 80-pin plastic QFP (GC-8BT type)
SM78K0Notes 1, 2
System simulator common to 78K/0 series
ID78K0Notes 1, 2
Integrated debugger common to 78K/0 series
DF178124Notes 1, 2, 3
Device file for
µPD178024 subseries
Real-time OS
RX78K0Notes 1, 2, 3
Real-time OS for 78K/0 series
MX78K0Notes 1, 2, 3
OS for 78K/0 series
Notes 1. PC-9800 series (MS-DOS + Windows) based
2. IBM PC/AT compatible machine (Japanese/English windows) based
3. HP9000 series 700 (HP-UX) based, SPARCstation (SunOS, Solaris) based, NEWS (NEW-OS) based
4. Under development
Remark Use SM78K0 in combination with the DF178124.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com