Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 2Page - STMicroelectronics AN2620 Datasheet HTML 3Page - STMicroelectronics AN2620 Datasheet HTML 4Page - STMicroelectronics AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics AN2620 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Application information component selection
AN2620
6/20
Doc ID 13883 Rev 3
The ST1S10 has been designed to have the best performances with ceramic capacitors. In
typical application conditions a minimum value of 22 µF ceramic capacitor is suggested on
the output, but higher values are suitable considering that the control loop has been
designed to properly work with a natural output LC frequency given by a 3.3 µH inductor and
22 µF output capacitor in the typical application (Vin=12 V, Vout=5 V).
It is advisable to use ceramic capacitors with a voltage rating in the range of 1.5 times the
maximum output voltage.
1.3
Inductor
The inductor value is very important because it fixes the ripple current flowing through the
output capacitor. The ripple current is usually fixed at 20-40% of IOmax, that is 0.6-1.2 A with
IOmax = 3 A. The inductor value is approximately obtained by the following formula:
Equation 7
where, Ton is the ON time of the internal switch, given by D · T.
For example, with Vout = 3.3 V, Vin = 5 V and ΔIO = 0.45 A, the inductor value is about
2.8 µH. The peak current thought the inductor is given by:
Equation 8
It can be seen that if the inductor value decreases, the peak current (that has to be lower
than the current limit of the device) increases. So, for fixed the peak current, a higher value
of the inductor allows a higher value for the output current.
The ST1S10 is designed to have maximum performance with a 3.3 µH inductor value at
900 kHz.
The peak inductor current must be designed in order to not exceed the switching current
limit.
L
V
in
V
out
–
I
Δ
------------------------- T
on
⋅
=
I
PK
I
O
I
Δ
2
-----
+
=
I
SAT
I
PK
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com