Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2620 Datasheet HTML 1Page - STMicroelectronics AN2620 Datasheet HTML 2Page - STMicroelectronics AN2620 Datasheet HTML 3Page - STMicroelectronics AN2620 Datasheet HTML 4Page - STMicroelectronics AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Application information component selection
AN2620
4/20
Doc ID 13883 Rev 3
1
Application information component selection
1.1
Input capacitor
The ST1S10 features two VIN pins: VIN_SW for the power supply input voltage where the
switching peak current is drawn, and VIN_A to supply the ST1S10 internal circuitry and
drivers. The VIN_SW input capacitor reduces the current peaks drawn from the input power
supply and reduces switching noise in the IC. High power supply source impedance requires
larger input capacitance.
For the VIN_SW input capacitor the RMS current rating is a critical parameter that must be
higher than the RMS input current. The maximum RMS input current can be calculated
using the following equation:
Equation 1
where
η is the expected system efficiency, D is the duty cycle and IO the output DC current.
This function reaches its maximum value at D = 0.5 and the equivalent RMS current is equal
to IO divided by 2 (considering
η= 1).
The maximum and minimum duty cycles are:
Equation 2
Equation 3
where VF is the voltage drop across the internal NMOS and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX it is possible to determine the max
IRMS following through the input capacitor.
A minimum value of 4.7 µF for the VIN_SW and a 0.1 µF ceramic capacitor for the VIN_A are
suitable in most application conditions. A 10 µF or higher ceramic capacitor for the VIN_SW
and a 1 µF (VIN_A) are advisable in case of higher power supply source impedance or where
it is needed to have long wires between the power supply source and the VIN pins. The
above suggested higher input capacitors values are also advisable in case of high output
capacitive load which can impact the switching peak current drawn from the input capacitor
during the startup transient.
It is also advisable to use ceramic capacitors with a voltage rating in the range of 1.5 times
the maximum input voltage. The input capacitors should be located as close as possible to
the VIN pins.
Different capacitors can be considered:
●
Electrolytic capacitors. These are the most commonly used because they are the least
expensive and are available with a wide range of RMS current ratings. The only
I
RMS
I
O
D
2D
2
⋅
η
---------------
–
D
2
η
-------
+
⋅
=
D
MAX
V
out
V
F
+
V
inMIN
V
SW
–
-----------------------------------
=
D
MIN
V
out
V
F
+
V
inMAX
V
SW
–
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com