Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 12Page - STMicroelectronics AN2620 Datasheet HTML 13Page - STMicroelectronics AN2620 Datasheet HTML 14Page - STMicroelectronics AN2620 Datasheet HTML 15Page - STMicroelectronics AN2620 Datasheet HTML 16Page - STMicroelectronics AN2620 Datasheet HTML 17Page - STMicroelectronics AN2620 Datasheet HTML 18Page - STMicroelectronics AN2620 Datasheet HTML 19Page - STMicroelectronics AN2620 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Board usage recommendation
AN2620
16/20
Doc ID 13883 Rev 3
4.6
Layout considerations
The layout is an important step in the design for all switching power supplies.
The high-speed operation (900 kHz) of the ST1S10 device demands careful attention to the
PCB layout. Care must be taken in the board layout to obtain maximum device performance,
otherwise the regulator could show poor line and load regulation, stability issues as well as
EMI problems.
It is critical to provide a low inductance, impedance ground path. Therefore, use wide and
short traces for the main current paths.
The input capacitor must be placed as close as possible to the IC pins as well as the
inductor and output capacitor. Use a common ground node for power ground and a different
one for control ground (AGND) to minimize the effects of ground noise. Connect these
ground nodes together underneath the device and make sure that small signal components
returning to the AGND pin do not share the high current path of CIN and COUT.
The feedback voltage sense line (VFB) should be connected right to the output capacitor and
routed away from noisy components and traces (e.g., SW line). Its trace should be
minimized and shielded by a guard-ring connected to the ground.
Figure 12.
PCB layout suggestion
V
FB guard-ring
Input capacitor C1 must be placed
as close as possible to the IC
pins as well as the inductor L1
and Output capacitor C2
Via holes from thermal pad
To bottom layer
Input Sync
Enable/
Disable
Input Power Supply
Output Voltage
V
FB guard-ring
Input capacitor C1 must be placed
as close as possible to the IC
pins as well as the inductor L1
and Output capacitor C2
Via holes from thermal pad
To bottom layer
Input Sync
Enable/
Disable
Input Power Supply
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com