Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 3Page - STMicroelectronics AN2620 Datasheet HTML 4Page - STMicroelectronics AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics AN2620 Datasheet HTML 10Page - STMicroelectronics AN2620 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2620
Thermal considerations
Doc ID 13883 Rev 3
7/20
2
Thermal considerations
The dissipated power of the device is related to three different sources:
Switch losses due to the non-negligible RDS(on). These are equal to:
Equation 9
Equation 10
where, D is the duty cycle of the application. Note that the duty cycle is theoretically
given by the ratio between Vout and Vin, but in practical terms is quite higher than this
value to compensate the losses of the overall application. Due to this reason, the switch
losses related to the RDS(on) increase compared to the ideal case.
Switch losses due to its turn-on and off. These are given by the following relationship:
Equation 11
where Ton and Toff are the overlap times of the voltage across the power switch and the
current flowing into it during the turn-on and turn-off phases. TSW is the equivalent switching
time (typ. 30 ns).
Quiescent current losses
Equation 12
where IQ is the quiescent current.
The junction temperature of device is:
Equation 13
where TA is the ambient temperature and RthJ-A is the thermal resistance junction-to-
ambient.
P
ONP
R
DS on
()P I
2
out
D
⋅⋅
=
-
-
P
ONN
R
DS on
()N I
2
out
1D
()
⋅⋅
=
-
-
P
Q
V
in
I
Q
=
T
J
T
A
Rth
JA
P
TOT
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com