Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics AN2620 Datasheet HTML 10Page - STMicroelectronics AN2620 Datasheet HTML 11Page - STMicroelectronics AN2620 Datasheet HTML 12Page - STMicroelectronics AN2620 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2620
Board usage recommendation
Doc ID 13883 Rev 3
9/20
4
Board usage recommendation
The board shown in Figure 2 is provided with a Kelvin connection which means that for each
pin two lines are available, one used to supply or sink current and the other one used to
perform the needed measurement.
The ST1S10 inhibit pin should be connected to GND or Vin, by a jumper, in order to turn off
or on the device.
If the SYNC pin is not used, it is better to connect to GND to avoid input noise to the device.
Figure 2.
ST1S10 demonstration board typical diagram
6
3
7
L1
C1
1
3
2
R2
R1
1
R3
C3
2
5 4-8
Vout
SYNC
Vin
Vin
GND
GND
2-3=INH-OFF
1-2=INH-ON
IC1
ePad*
C2
R1=10 kΩ
R2=2 kΩ
R3=10 kΩ
C1=4.7µF
C2=22µF
C3=0.1µF
L1=3.3 µH
IC1=ST1S10
*ePad Connected to GND
GND
GND
Vout
12Vin
5Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com