Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2620 Datasheet HTML 1Page - STMicroelectronics AN2620 Datasheet HTML 2Page - STMicroelectronics AN2620 Datasheet HTML 3Page - STMicroelectronics AN2620 Datasheet HTML 4Page - STMicroelectronics AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
May 2010
Doc ID 13883 Rev 3
1/20
AN2620
Application note
3 A high-frequency synchronous 900 kHz
step-down converter based on the ST1S10
Introduction
The ST1S10 is a step-down DC-DC converter with an optimized inhibit function for powering
high-voltage LCD applications and low-voltage digital core HDD applications. Generally, it
replaces the high current linear solution when high power dissipation is a problem. It
provides up to 3 A over an input voltage range of 2.5 V to 18 V and synchronous rectification
saves the external Schottky diode. A high internal switching frequency (0.9 MHz) allows it to
use tiny surface-mount components, as well as the resistor divider, to set the output voltage
value. Only an inductor and 3 capacitors are required. The current PWM mode architecture
and stable operation with low E.S.R SMD ceramic capacitors results in low, predictable
output ripple. To maximize the power conversion efficiency in light load, the regulator can
work in burst mode automatically. The device can operate in PWM mode at a fixed
frequency or synchronized to an external frequency. It switches at a frequency of 900 kHz
when SYNC is connected to ground or a fixed voltage (less than 5.5 V) and synchronizes
the switching frequency between 400 kHz to 1.2 MHz from the external clock that is applied
to SYNC. A thermal shutdown circuit is integrated and activates at 150 °C. Cycle-by-cycle
current limitation provides protection against shorted outputs. The on-chip 260 µs power-on
reset ensures the proper operation when switching on the power supply. The quiescent
current is less than 6 µA in the inhibit state. The device is available in MLP4x4 and SO-8
ePad packages.
Figure 1.
Simplified schematic
www.st.com


Similar Part No. - AN2620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN262 ETC2-AN262 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2621 STMICROELECTRONICS-AN2621 Datasheet
85Kb / 5P
TS488/9 low power stereo headphone amplifier
25-Sep-2007
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
UMTS triple band LNA-IC
logo
STMicroelectronics
AN2622 STMICROELECTRONICS-AN2622 Datasheet
122Kb / 5P
TS4909 low power stereo headphone amplifier
23-Sep-2007
AN2623 STMICROELECTRONICS-AN2623 Datasheet
1Mb / 25P
Evaluation board for off-line forward converter based on L5991
29-Oct-2007
More results

Similar Description - AN2620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
3 A, 900 kHz, monolithic synchronous step-down regulator
25-Oct-2007
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
IR3638 ONSEMI-IR3638 Datasheet
306Kb / 13P
High Frequency Synchronous
June, 2009 ??Rev. 0
logo
STMicroelectronics
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
STEVAL-ISA044V6 STMICROELECTRONICS-STEVAL-ISA044V6 Datasheet
311Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (DFN)
25-Oct-2011
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
logo
Texas Instruments
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
STMicroelectronics
STEVAL-ISA044V5 STMICROELECTRONICS-STEVAL-ISA044V5 Datasheet
343Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (Power SO-8)
11-Oct-2011
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com