Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 4Page - STMicroelectronics AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics AN2620 Datasheet HTML 10Page - STMicroelectronics AN2620 Datasheet HTML 11Page - STMicroelectronics AN2620 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Short-circuit protection
AN2620
8/20
Doc ID 13883 Rev 3
3
Short-circuit protection
In short condition, the ST1S10 has two short protection functions to avoid a damaged
device.
Overcurrent protection (OCP). The ST1S10 DC-DC converter is provided with a switch
overcurrent protection. If the switch current limit is reached, in order to protect the
application and the internal power switches and bonding wires, the device is
immediately shut down and kept in this condition for a Toff period time (Toff = 135 µs typ)
and turns on again for a Ton period (Ton = 22 µs typ with typical application conditions).
This operation is repeated cycle by cycle. Normal operation is resumed when no
overcurrent is detected.
Overvoltage protection (OVP). In order to protect the whole application and reduce the
total power dissipation during an overload or an output short-circuit condition, the
device is provided with a dynamic short-circuit protection which works by internally
monitoring the VFB (feedback voltage). In case of overload or output short-circuit, if the
VOUT voltage is reduced causing the feedback voltage (VFB) to drop below 0.3 V typ,
the device goes in shutdown for Toff time (Toff = 288 µs typ) and turns on again for a Ton
period (Ton = 130 µs typ). This operation is repeated cycle by cycle. Normal operation is
resumed when no overload is detected (VFB > 0.3 V typ) for a full Ton period. This
dynamic operation can greatly reduce the power dissipation in overload condition, still
ensuring excellent power-on startup, in most conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com