Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 10Page - STMicroelectronics AN2620 Datasheet HTML 11Page - STMicroelectronics AN2620 Datasheet HTML 12Page - STMicroelectronics AN2620 Datasheet HTML 13Page - STMicroelectronics AN2620 Datasheet HTML 14Page - STMicroelectronics AN2620 Datasheet HTML 15Page - STMicroelectronics AN2620 Datasheet HTML 16Page - STMicroelectronics AN2620 Datasheet HTML 17Page - STMicroelectronics AN2620 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Board usage recommendation
AN2620
14/20
Doc ID 13883 Rev 3
Figure 9.
ST1S10 application schematic for heavy capacitive load
4.5
Low output voltage (Vout < 2.5 V) and 2.5 V < Vin < 8 V
For applications with lower output voltage levels (Vout < 2.5 V) the output capacitance and
the inductor values should be selected in a way that improves the DC-DC control loop
behavior.
In this output condition two cases must be considered: Vin > 8 V and Vin < 8 V.
For Vin < 8 V the use of 2 x 22 µF capacitors in parallel to the output is recommended, as
shown in Figure 10.
For Vin > 8 V, a 100 µF electrolytic capacitor with ESR < 0.1 should be added in parallel to
the 2 x 22 µF output capacitors as shown in Figure 11.
Figure 10.
ST1S10 application schematic for low output voltage (Vout < 2.5 V) and
2.5 V < Vin < 8 V
6
3
7
L1
C1
1
3
2
R2
R1
1
R3
C3
25
4-8
V
OUT
SYNC
V
IN
V
IN
GND
GND
2-3 = INH-OFF
1-2 = INH-ON
IC1
ePad*
R1 = 100 k
Ω
R2 = 20 k
Ω
R3 = 10 k
Ω
C1 = 4.7
µF
C2 = 22
µF
C3 = 0.1~4.7
µF
L1 = 3.3
µH
IC1 = ST1S10
*ePad Connected to GND
GND
GND
V
OUT
12 V
IN
5 V
OUT
C2
C4 = 4.7 nF
C4
6
3
7
L1
C1
1
3
2
R2
R1
1
R3
C3
25
4-8
V
OUT
SYNC
V
IN
V
IN
GND
GND
2-3 = INH-OFF
1-2 = INH-ON
IC1
ePad*
R1 = 100 k
Ω
R2 = 20 k
Ω
R3 = 10 k
Ω
C1 = 4.7
µF
C2 = 22
µF
C3 = 0.1~4.7
µF
L1 = 3.3
µH
IC1 = ST1S10
*ePad Connected to GND
GND
GND
V
OUT
12 V
IN
5 V
OUT
C2
C4 = 4.7 nF
C4
6
3
7
L1
C1
1
3
2
R2
R1
1
R3
C3
25 4-8
Vout
SYNC
Vin
Vin
GND
GND
2-3=INH-OFF
1-2=INH-ON
IC1
ePad*
C2
R1=*
R2=2 k Ω
R3=10 k Ω
C1=2*4.7 µF or 10 µF
C2=2*22 µF
C3=0.47~1 µF
GND
GND
Vout
<2.5Vout
8<Vin
L1=2.2 µH to 1 µH
IC1=ST1S10
*ePad Connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com