Electronic Components Datasheet Search
  English  ▼

X  

AN2620 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2620 Datasheet HTML 1Page - STMicroelectronics AN2620 Datasheet HTML 2Page - STMicroelectronics AN2620 Datasheet HTML 3Page - STMicroelectronics AN2620 Datasheet HTML 4Page - STMicroelectronics AN2620 Datasheet HTML 5Page - STMicroelectronics AN2620 Datasheet HTML 6Page - STMicroelectronics AN2620 Datasheet HTML 7Page - STMicroelectronics AN2620 Datasheet HTML 8Page - STMicroelectronics AN2620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN2620
Application information component selection
Doc ID 13883 Rev 3
5/20
drawback is that, considering a requested ripple current rating, they are physically
larger than other capacitors.
Ceramic capacitors. If available for the requested value and voltage rating, these
capacitors usually have a higher RMS current rating for a given physical dimension
(due to the very low ESR). The drawback is the quite high cost.
Tantalum capacitor. Very good tantalum capacitors are becoming available, with very
low ESR and small size. The only problem is that they occasionally can burn if
subjected to very high current during the charge. So, it is better to avoid this type of
capacitor for the input filter of the device. In fact, they can be subjected to high surge
current when connected to the power supply.
1.2
Output capacitor
The output capacitor is very important in satisfying the output voltage ripple requirement.
Using a small inductor value to reduce the size of the choke is useful, but increases the
current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is required.
The most important parameters for the output capacitor are the capacitance, the ESR and
the voltage rating.
The capacitance and the ESR affect the control loop stability, the output ripple voltage, and
transient response of the regulator. The ripple due to the capacitance can be calculated by
the following formula:
Equation 4
where FS is the PWM switching frequency and ΔISW is the inductor peak-to-peak switching
current that can be calculated as:
Equation 5
where D is the duty cycle while the ripple due to the ESR is given by:
Equation 6
Use the above equations to define capacitor selection range, but final values should be
verified by testing an evaluation circuit.
Lower ESR ceramic capacitors are usually advisable to reduce the output ripple voltage.
Capacitors with higher voltage ratings have lower ESR values, providing lower output ripple
voltage.
Also the capacitor ESL value impacts the output ripple voltage, but ceramic capacitors
usually have very low ESL, making ripple voltages due to the ESL negligible. In order to
reduce ripple voltages due to a parasitic inductive effect, keep the output capacitor
connection paths as short as possible.
V
ripple C
()
0.125
ΔI
SW
F
S
C
out
---------------------------------
=
ΔI
SW
V
in
V
out
()
F
S
L
------------------------------ D
=
V
ripple ESR
()
I
Sw
Δ
ESR
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com