Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 46Page - STMicroelectronics AN2738 Datasheet HTML 47Page - STMicroelectronics AN2738 Datasheet HTML 48Page - STMicroelectronics AN2738 Datasheet HTML 49Page - STMicroelectronics AN2738 Datasheet HTML 50Page - STMicroelectronics AN2738 Datasheet HTML 51Page - STMicroelectronics AN2738 Datasheet HTML 52Page - STMicroelectronics AN2738 Datasheet HTML 53Page - STMicroelectronics AN2738 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Layout suggestions
AN2738
52/54
Doc ID 14589 Rev 2
Figure 46.
Layout example from the STEVAL-IHM021V1 3-phase board
BOTTOM LAYER
L6390
HS
LS
HS
LS
HS
LS
POWER GND
POWER GND
RSENSE
RSENSE
OUT1
OU
T2
OU
T3
OUT3
HV
RSENSE
RSENSE
POWER GND
POWER GND
OUT1
HV
HV
HV
OU
T2
Fixed potential tracks
(e.g. GND, HV) shield
signal lines from electrical
noise due to switching lines
(OUTx)
Signal lines
(logic and analog)
kept far from
switching lines (OUTx)
7 cm
6 cm
TOP LAYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com