Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 36Page - STMicroelectronics AN2738 Datasheet HTML 37Page - STMicroelectronics AN2738 Datasheet HTML 38Page - STMicroelectronics AN2738 Datasheet HTML 39Page - STMicroelectronics AN2738 Datasheet HTML 40Page - STMicroelectronics AN2738 Datasheet HTML 41Page - STMicroelectronics AN2738 Datasheet HTML 42Page - STMicroelectronics AN2738 Datasheet HTML 43Page - STMicroelectronics AN2738 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
The below-ground voltage on the OUT pin
AN2738
40/54
Doc ID 14589 Rev 2
The overall below-ground voltage on the OUT pin can be calculated as follows:
Equation 15
Equation 16
where:
●
VFPK is the free-wheeling diode transient peak forward voltage, which depends mainly
on the device technology and on the dIF/dt of the current in the diode. Typical values
could be from a few volts to more than 10 V. In Figure 36, VFP vs. dIF/dt of the
STTH1L06 diode is shown.
●
the dIF/dt is the current slope in the low side IGBT/MOSFET and could have a value
from a few tens to several hundreds of A/µs. The value depends mainly on the power
switch characteristics and in part on the driving current.
●
LPARASITIC represents the sum of all parasitic inductances on the current path and
mainly depends on the PCB layout. Generally, during the design of the power
application it is important to pay attention to the layout of the power bridges in order to
limit this parameter. Typical values of a good layout are in the order of some tens of nH.
Note that it is useful also to use RSENSE resistors with low parasitic inductances for the
same reason.
●
RSENSE * ILOAD product is the value of the VSENSE voltage and typically is less than 1 V,
also for thermal dissipation issues on the same resistor.
●
VF is the forward voltage of the free-wheeling diode and it is usually less than 2 V.
11.2
How to reduce the below ground spike voltage
In order to reduce the below ground spike, the following action should be taken:
●
Reduce the parasitic inductances (see Figure 35).
●
Reduce the dIF/dt by slowing down the turn-off of the high side IGBT/MOSFET.
In most of application the two previous strategies result to be enough to reduce properly the
below ground spike voltage, increasing the robustness of power system and then the margin
for safe operation of the application. On the other hand in some cases, where the below
ground spike voltage is significantly higher, the above suggestions may be not sufficient to
limit that value and then it could be useful to add some external components to improve
further the noise robustness of the power stage section:
●
Add a small resistor (2÷10
Ω typically) in series to the OUT line (see Figure 37). The
series resistor has the positive effect of limiting the spike voltage on the BOOT pin,
thanks to the filtering effect of such resistor coupled with the bootstrap capacitor. Note
that, in order to obtain an effective filtering effect, the OUT resistor must be placed
between the minus terminal of bootstrap capacitor and the output of the power stage,
as indicated in Figure 37.
V
OUTmin
⊥static
R
SENSE
I
LOAD
V
F
+
⋅
()
–
=
4
43
4
42
1
4
4
4
43
4
4
4
42
1
on
contributi
static
static
min_
OUT
on
contributi
dynamic
F
PARASITIC
FPK
spike
_
BGV
V
dt
dI
L
V
V
+
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com