Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 40Page - STMicroelectronics AN2738 Datasheet HTML 41Page - STMicroelectronics AN2738 Datasheet HTML 42Page - STMicroelectronics AN2738 Datasheet HTML 43Page - STMicroelectronics AN2738 Datasheet HTML 44Page - STMicroelectronics AN2738 Datasheet HTML 45Page - STMicroelectronics AN2738 Datasheet HTML 46Page - STMicroelectronics AN2738 Datasheet HTML 47Page - STMicroelectronics AN2738 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
The below-ground voltage on the OUT pin
AN2738
44/54
Doc ID 14589 Rev 2
Figure 39.
Bootstrap over-charging due to below-ground voltage on OUT pin
Note that in the L6390 IC gate driver the internal DMOS in series with the integrated
bootstrap diode is fully turned on only when LVG is ON. In fact, when the LVG is OFF, the
gate of the bootstrap DMOS is biased at VCC voltage. This means that if the VBOOT is pulled
down by the bootstrap capacitor (due to below-ground voltage on OUT pin) at about 3 V
(typ) below VCC voltage, the DMOS turns on again. Figure 40 shows some characteristics
of different (internal and external) bootstrap networks.
BOOTSTRAP NETWORK
&
BELOW GROUND VOLTAGE
BOOT
OUT
t
VOUT
VCC
0V
VBOOT
VBOOT - VOUT
VCC
VBOOT - VOUT
during BGV spike
VBOOT - VOUT
overcharged
during static BGV
VBGV_static
VBGV_spike
Tspike < 100ns
typically
Time constant of this transition:
RBOOT * CBOOT >> Tspike typically
DBOOT RBOOT
VBOOT - VOUT
befor overcharge
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com