Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 44Page - STMicroelectronics AN2738 Datasheet HTML 45Page - STMicroelectronics AN2738 Datasheet HTML 46Page - STMicroelectronics AN2738 Datasheet HTML 47Page - STMicroelectronics AN2738 Datasheet HTML 48Page - STMicroelectronics AN2738 Datasheet HTML 49Page - STMicroelectronics AN2738 Datasheet HTML 50Page - STMicroelectronics AN2738 Datasheet HTML 51Page - STMicroelectronics AN2738 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
The below-ground voltage on the OUT pin
AN2738
48/54
Doc ID 14589 Rev 2
Figure 43.
OUT below-ground voltage in transient conditions: limited boot over-
charging
11.4.3
Below-ground voltage spikes
As previously stated, the duration of the dynamic contribution of the below-ground voltage
on the OUT pin is not enough to over-charge the bootstrap capacitor. This fact usually
removes the risk of exceeding the recommended maximum value of 20 V for VBOOT -VOUT
voltage, but it increases the danger of pulling down the BOOT pin below ground, thus
violating its absolute minimum rating. As mentioned above, this phenomenon should be
avoided for safe IC gate driver operation. However, note that applicative bench tests have
shown the L6390
proper operation even with below-ground spikes on the OUT pin well
above - 50 V (see Figure 44).
t
VOUT
VCC
0V
VBOOT
VBOOT - VOUT
VBOOT - VOUT
virtual final value
in steady state
VBGV_static
VBGV_spike
VBOOT - VOUT
befor overcharge
VOUT
VBOOT - VOUT
safe operating
maximum range
(20V)
VBOOT - VOUT
real
overcharge
High side OFF time
HIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com