Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 31Page - STMicroelectronics AN2738 Datasheet HTML 32Page - STMicroelectronics AN2738 Datasheet HTML 33Page - STMicroelectronics AN2738 Datasheet HTML 34Page - STMicroelectronics AN2738 Datasheet HTML 35Page - STMicroelectronics AN2738 Datasheet HTML 36Page - STMicroelectronics AN2738 Datasheet HTML 37Page - STMicroelectronics AN2738 Datasheet HTML 38Page - STMicroelectronics AN2738 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
AN2738
Induced turn-on phenomenon
Doc ID 14589 Rev 2
35/54
9
Induced turn-on phenomenon
One possible phenomenon to be analyzed is the induced turn-on that could occur on a
turned-off power IGBT (or MOSFET) when its companion on the same half-bridge is
switching on. This phenomenon is due to the current injected on the gate by the Miller
parasitic capacitance (CGC) which causes an undesired voltage increase on the gate of the
power IGBT (or MOSFET) which should be kept well turned off. Induced gate voltage
depends on the absolute value of the parasitic capacitance CGC, its relative ratio with CGE,
the value of the dVOUT/dt of the half-bridge and the value of the equivalent (turn-off)
resistance between the emitter (or the source) and the gate. Figure 32 illustrates this
phenomenon.
Figure 32.
Induced turn-on phenomenon - circuital description
Note:
Typically the induced turn-on phenomenon does not cause a complete turn-on of the power
MOSFET, so it is rare to have destructive cross-conduction on the half-bridge during
commutations. Nevertheless, weak conduction of the opened power switch could increase
the power dissipation of the power stage, increasing the overall temperature of the power
MOSFETs and reducing the efficiency. This is why this phenomenon deserves particular
attention also in terms of thermal performance of the power application.
Some strategies to reduce this phenomenon are:
a)
Reducing resistance path between gate and emitter (source). Reducing as
much as possible the gate resistance in which the injected current flows, the
voltage drop on the gate becomes lower. The drawback is a possible increase of
the dVOUT/dt during turn-off of the power IGBT (or MOSFET) which commutates in
hard switching, and then an increase of electrical noise and EMI issues (as
explained in the previous paragraph, the power IGBT or MOSFET in hard-
switching is always the one which has the channel in the same direction as the
current). On the other hand, usually the dVOUT/dt during turn-off is lower than
during turn-on, because the plateau voltage is closer to the source voltage than
the supply voltage of the driver. This results in a lower gate current for the
discharge of the gate charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com