Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 10Page - STMicroelectronics AN2738 Datasheet HTML 11Page - STMicroelectronics AN2738 Datasheet HTML 12Page - STMicroelectronics AN2738 Datasheet HTML 13Page - STMicroelectronics AN2738 Datasheet HTML 14Page - STMicroelectronics AN2738 Datasheet HTML 15Page - STMicroelectronics AN2738 Datasheet HTML 16Page - STMicroelectronics AN2738 Datasheet HTML 17Page - STMicroelectronics AN2738 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
L6390 op-amp
AN2738
14/54
Doc ID 14589 Rev 2
Figure 11.
General advanced current sense scheme
Principle waveforms corresponding to the above scheme are provided in Figure 12:
Figure 12.
Advanced current sensing waveforms
ADCs used in vector control applications have a typical FSR of about 3.3 V. The sense
signals have to be shifted and centered on FSR/2 voltage (about 1.65 V) and amplified with
a gain which provides the matching between the maximum value of the sensed signal and
OP+
OP-
OPOUT
OPAMP
+
-
H.V.
TO LOAD
VREF
to ADC
R3
R4
R5
Rs
COUT
ROUT
R1
R2
C2
Half-Bridge
Current Sensing
Voltage Shifting
of the Vsense
Vsense
Voltage Gain
and
Filtering
Capacitor required
by the ADC
for sampling purpose
ROUT resistor is usually required
in order to make the OPAMP stable
when the COUT capacitance increases
OP+
OP-
OPOUT
OPAMP
+
-
H.V.
TO LOAD
VREF
to ADC
R1
R2
R3
R4
R5
Rs
COUT
ROUT
Iload x Rs
V
t
-Iload x Rs
V
t
V
t
0.6 V
3.3 V
C2
0V
0V
0V
V
t
3.3 V
0V
FILTERED SIGNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com