Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 42Page - STMicroelectronics AN2738 Datasheet HTML 43Page - STMicroelectronics AN2738 Datasheet HTML 44Page - STMicroelectronics AN2738 Datasheet HTML 45Page - STMicroelectronics AN2738 Datasheet HTML 46Page - STMicroelectronics AN2738 Datasheet HTML 47Page - STMicroelectronics AN2738 Datasheet HTML 48Page - STMicroelectronics AN2738 Datasheet HTML 49Page - STMicroelectronics AN2738 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
The below-ground voltage on the OUT pin
AN2738
46/54
Doc ID 14589 Rev 2
Figure 41.
L6390 safe operating range when the OUT pin is below ground voltage (in
steady state)
11.4
Functionality of L6390 outputs in below-ground condition
The L6390 IC gate driver makes use of a level shifter to send the set-reset information to the
high side floating section. The level shifter, shown in Figure 42, is mainly composed of two
high voltage switches, for set/reset signals, driven by the low voltage section and linked to
two pull-up resistors connected to the BOOT pin.
Figure 42.
Driver functionality in below-ground voltage condition on OUT pin
The two level-shifted signals are then fed into a logic latch in the high side floating section,
providing the logic state for the high side gate driver (HVG output). The L6390 IC provides
Vcc
0V
Vboot-Vout < 20V
Vboot > - 0.3V
Vcc-Vboot
below ground
voltage on Vout
Vboot
Vout
Vcc
0V
Vboot-Vout
Vboot > 5V
Vcc-Vboot
below ground voltage on Vout
Vboot
Vout
High Side
floating
section
Vboot
Vout
Low Side
section
Vcc
set
Level
Shifter
reset
HVG
gnd
Vboot
gnd
for full
functionality
of level shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com