Electronic Components Datasheet Search
  English  ▼

X  

AN2738 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 39Page - STMicroelectronics AN2738 Datasheet HTML 40Page - STMicroelectronics AN2738 Datasheet HTML 41Page - STMicroelectronics AN2738 Datasheet HTML 42Page - STMicroelectronics AN2738 Datasheet HTML 43Page - STMicroelectronics AN2738 Datasheet HTML 44Page - STMicroelectronics AN2738 Datasheet HTML 45Page - STMicroelectronics AN2738 Datasheet HTML 46Page - STMicroelectronics AN2738 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
AN2738
The below-ground voltage on the OUT pin
Doc ID 14589 Rev 2
43/54
11.3
Issues related to the below-ground voltage phenomenon
Contrary to common belief, the issues resulting from significant below-ground voltages on
the OUT pin are not related to the maximum absolute voltage values that the OUT pin is
able to withstand, but are instead related mainly to the voltage value of BOOT pin, which is
indirectly bound to the OUT pin voltage. There are two main issues to be taken into
consideration, all related to the absolute maximum ratings of the IC:
●
VBOOT absolute minimum voltage
●
VBOOT-VOUT absolute maximum voltage
11.3.1
VBOOT voltage safe operating condition
Electrically, the OUT pin could safely tolerate even many volts below ground without
problems, but the BOOT pin cannot. The absolute value of the VBOOT voltage must not go
steadily below -0.3 V, in order to avoid the turn-on of the built-in junction between BOOT pin
and the IC gate driver substrate (connected to GND), which is normally in reverse condition.
The turn-on of this junction could, in fact, cause a current large enough to damage the
device.
11.3.2
Bootstrap capacitor over-charging
Another very important consideration is bootstrap capacitor over-charging. Actually, even
before the OUT pin approaches the zero voltage value, the bootstrap diode (internal or
external) tends to tie VBOOT close to the VCC supply voltage. Since the OUT pin is below
ground, the bootstrap capacitor is overcharged through the current coming from the
bootstrap diode, and the VBOOT - VOUT voltage increases. It is very important that the
bootstrap over-charge does not exceed the recommended maximum value for the VBOOT -
VOUT voltage (see the relevant datasheet), as the high side floating section of the gate driver
could be damaged.
Note that a significant over-charging of the bootstrap capacitor is only possible through the
static contribution of the below-ground voltage, because the dynamic below-ground voltage
is very brief and the over-charging transition is limited by the time constant RC of the
bootstrap capacitor and by the overall resistance in series with the bootstrap diode.
In Figure 39, the over-charging phenomenon is illustrated in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com