Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 57 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 53Page - STMicroelectronics AN3393 Datasheet HTML 54Page - STMicroelectronics AN3393 Datasheet HTML 55Page - STMicroelectronics AN3393 Datasheet HTML 56Page - STMicroelectronics AN3393 Datasheet HTML 57Page - STMicroelectronics AN3393 Datasheet HTML 58Page - STMicroelectronics AN3393 Datasheet HTML 59Page - STMicroelectronics AN3393 Datasheet HTML 60Page - STMicroelectronics AN3393 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 103 page
background image
DocID018750 Rev 4
57/103
AN3393
Operation codes
103
6.2.1
STOP (00h)
The STOP command halts execution and waits for host restart.
This command has no parameters and it is an “Immediately executed” type.
Actions:
Table 85. Commands (extended set)
OPCODE
Mnemonic
Description
Note
12h
SABS0
Sets ABS=0 in SETTy register (unsigned
thrs)
13h
SABS1
Sets ABS=1 in SETTy register (signed thrs)
14h
SELMA
Sets mask pointer to MASKy_A
21h
SRADI0
Sets RADI=0 in SETT2 register (raw data
mode)
Only for State Machine 2
23h
SRADI1
Sets RADI=1 in SETT2 register (difference
data mode)
Only for State Machine 2
24h
SELSA
Sets mask pointer to MASKy_B
31h
SCS0
Sets D_CS=0 in SETT2 register (DIFF data
form OFF for State Machine 2)
Only for State Machine 2.
32h
SCS1
Sets D_CS=1 in SETT2 register (Constant
Shift data form ON for State Machine 2)
Only for State Machine 2
34h
SRTAM0
Sets R_TAM=0 in SETTy register (Temporary
Axis mask is kept intact)
41h
STIM3
Sets a new value (1st parameter) to TIM3y
register
42h
STIM4
Sets a new value (1st parameter) to TIM4y
register
43h
SRTAM1
Sets R_TAM=1 in SETTy register (Temporary
Axis mask is released to default after every
valid NEXT condition)
Table 86. Forbidden OP codes
OPCODE
Note
21h
Forbidden in State Machine 1. When it exists in State Machine 1, it immediately stops
23h
Forbidden in State Machine 1. When it exists in State Machine 1, it immediately stops
31h
Forbidden in State Machine 1. When it exists in State Machine 1, it immediately stops
32h
Forbidden in State Machine 1. When it exists in State Machine 1, it immediately stops



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com