Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 58 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 54Page - STMicroelectronics AN3393 Datasheet HTML 55Page - STMicroelectronics AN3393 Datasheet HTML 56Page - STMicroelectronics AN3393 Datasheet HTML 57Page - STMicroelectronics AN3393 Datasheet HTML 58Page - STMicroelectronics AN3393 Datasheet HTML 59Page - STMicroelectronics AN3393 Datasheet HTML 60Page - STMicroelectronics AN3393 Datasheet HTML 61Page - STMicroelectronics AN3393 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
Operation codes
AN3393
58/103
DocID018750 Rev 4
1.
STOP command halts State Machine y execution:
–
CTRL_REG1, bit SM1_EN is set to 0 for State Machine 1;
–
Or CTRL_REG2, bit SM2_EN is set to 0 for State Machine 2;
–
Set STAT, bit SYNC1 = 0 and STAT, bit SYNC2 = 0 (synchronization is not
allowed).
2.
If SETTy, bit SITR = 1:
–
OUTSy is updated to selected temporary mask value;
–
Set output signal: STAT, bit INT_SMy = 1.
3.
Wait for restart from host. When restart occurs:
–
CTRL_REG1, bit SM1_EN is set to 0 for State Machine 1;
–
Or CTRL_REG2, bit SM2_EN is set to 0 for State Machine 2.
This command affects or is affected by the following registers:
–
State Machine y is enabled/disabled: CTRL_REG1, bit SM1_EN is set to 0/1 for
State Machine 1 or CTRL_REG2, bit SM2_EN is set to 0/1 for State Machine 2;
–
SETTy, bit SITR: defines output functionality of STOP command;
–
OUTSy: output value of State Machine y;
–
STAT, bit INT_SMy: indicator of valid interrupt action;
–
PRy: Program and Reset pointer addresses.
6.2.2
CONT (11h)
The CONT command loops execution to the beginning.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
If SETTy, bit SITR = 1:
–
OUTSy is updated to selected temporary mask value;
–
Set output register (and signal if selected): STAT, bit INT_SMy = 1.
2.
Default initial start executed
3.
Continue execution from step address PPy = 0
This command affects or is affected by the following registers:
–
State Machine y is enabled/disabled: CTRL_REG1, bit SM1_EN is set to 0/1 for
State Machine 1. CTRL_REG2, bit SM2_EN is set to 0/1 for State Machine 2;
–
SETTy, bit SITR: Defines output functionality of STOP command;
–
OUTSy: Output value of State Machine y;
–
STAT, bit INT_SMy: Indicator of valid interrupt action;
–
PRy: Program and Reset pointer addresses.
6.2.3
JMP (22h)
JMP is the conditional jump command. It has two conditions (in the 1st parameter), these
two conditions refer to different jump addresses (available in the 2nd parameter):
–
1st parameter: COND1 (4 bits - MSB part); condition COND2 (4 bits - LSB part);
–
2nd parameter: ADD1 (4 bits - MSB part), address ADD2 (4 bits - LSB part).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com