Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 79 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 75Page - STMicroelectronics AN3393 Datasheet HTML 76Page - STMicroelectronics AN3393 Datasheet HTML 77Page - STMicroelectronics AN3393 Datasheet HTML 78Page - STMicroelectronics AN3393 Datasheet HTML 79Page - STMicroelectronics AN3393 Datasheet HTML 80Page - STMicroelectronics AN3393 Datasheet HTML 81Page - STMicroelectronics AN3393 Datasheet HTML 82Page - STMicroelectronics AN3393 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
DocID018750 Rev 4
79/103
AN3393
Examples of state machine configurations
103
Figure 18. Wake-up state machine
Figure 19. Wake-up output
9.3
Freefall
This feature is used to detect when a system is dropping down just to protect data on the
hard drive. If the object is in freefall, the X-axis, Y-axis and Z-axis have zero acceleration.
To implement this function, the first state of the State Machine (ST0_1, 40h) has an NOP in
the RESET condition and “all axes less than or equal to threshold2” (LLTH2) in the NEXT
condition.
An additional state (ST1_1, 41h) checks whether the axes remain under the previous
condition for 100 ms by using a GNTH2 command in the RESET condition and a T1
command in the NEXT condition.
In this way the freefall is detected only when all three axes are below the threshold for at
least 100 ms.
AM14784V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com