Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 74 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 70Page - STMicroelectronics AN3393 Datasheet HTML 71Page - STMicroelectronics AN3393 Datasheet HTML 72Page - STMicroelectronics AN3393 Datasheet HTML 73Page - STMicroelectronics AN3393 Datasheet HTML 74Page - STMicroelectronics AN3393 Datasheet HTML 75Page - STMicroelectronics AN3393 Datasheet HTML 76Page - STMicroelectronics AN3393 Datasheet HTML 77Page - STMicroelectronics AN3393 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
Axis mask filter
AN3393
74/103
DocID018750 Rev 4
7.4
Output register (OUTSy)
The output register is updated with the value stored in the Temporary Output Mask (see
Section 7.3) when one of the output commands (such as CONT, OUTC, OUTW, etc....) is
performed.
The OUTSy register is cleared after reading itself. Moreover, by reading this register the
interrupt status changes:
–
when the interrupt is latched (IEL bit = 0 in CTRL_REG3 register), it becomes low
(if it is active high) or high (if it is active low);
–
when the interrupt is pulsed (IEL bit = 1 in CTRL_REG3 register), a new interrupt
pulse can be generated. In fact, another interrupt pulse can be generated only
after the OUTSy register has been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com