Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 92 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 88Page - STMicroelectronics AN3393 Datasheet HTML 89Page - STMicroelectronics AN3393 Datasheet HTML 90Page - STMicroelectronics AN3393 Datasheet HTML 91Page - STMicroelectronics AN3393 Datasheet HTML 92Page - STMicroelectronics AN3393 Datasheet HTML 93Page - STMicroelectronics AN3393 Datasheet HTML 94Page - STMicroelectronics AN3393 Datasheet HTML 95Page - STMicroelectronics AN3393 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 103 page
background image
First-in first-out (FIFO) buffer
AN3393
92/103
DocID018750 Rev 4
The watermark flag, the FIFO overrun and FIFO empty event can be enabled to generate a
dedicated interrupt on the INT1 pin by configuring the CTRL_REG6 register.
P1_WTM bit drives the watermark flag (WTM) on the INT1 pin
P1_OVERRUN bit drives the overrun event (OVRN) on the INT1 pin
P1_EMPTY bit drives the empty event (EMPTY) on the INT1 pin.
If one or more bits is set to “1”, the INT1 pin status is the logical OR combination of the
selected signals.
10.3
FIFO modes
The LIS3DSH FIFO buffer can be configured to operate in six different modes selectable by
the FMODE[2:0] field in the FIFO_CTRL register. Available configurations ensure a high
level of flexibility and extend the number of functions usable in application development.
Bypass, FIFO, Stream, Stream-to-FIFO, Bypass-to-Stream and Bypass-to-FIFO modes are
described in the following paragraphs.
10.3.1
Bypass mode
When Bypass mode is enabled, FIFO is not operational: the buffer content is cleared, output
registers (28h to 2Dh) are frozen at the last value loaded, and the FIFO buffer remains
empty until another mode is selected.
Follow these steps for Bypass mode configuration:
1.
Turn on FIFO by setting the FIFO_EN bit to “1” in control register 6 (25h). After this
operation the FIFO buffer is enabled but isn’t collecting data, output registers are
frozen to the last sample set loaded.
2.
Activate Bypass mode by setting the FMODE[2:0] field to “000” in the FIFO control
register (2Eh). If this mode is enabled, the FIFO source register (2Fh) is forced equal to
20h.
Bypass mode must be used in order to stop and reset the FIFO buffer when a different
mode is operating. Note that placing the FIFO buffer into Bypass mode clears the whole
buffer content.
1
0
0
11111
32
t0 + 32/ODR
1
1
0
11111
32
t0 + 33/ODR
Table 101. FIFO_SRC_REG behavior assuming WTMP[4:0] = 15 (continued)
WTM
OVRN
Empty
FSS[4:0]
FIFO samples
Timing
Table 102. CTRL_REG6 (25h)
b7
b6
b5
b4
b3
b2
b1
b0
X
FIFO_EN
WTM_EN
ADD_INC
P1_
EMPTY
P1_WTM
P1_OVER
RUN
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com