Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 91 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 87Page - STMicroelectronics AN3393 Datasheet HTML 88Page - STMicroelectronics AN3393 Datasheet HTML 89Page - STMicroelectronics AN3393 Datasheet HTML 90Page - STMicroelectronics AN3393 Datasheet HTML 91Page - STMicroelectronics AN3393 Datasheet HTML 92Page - STMicroelectronics AN3393 Datasheet HTML 93Page - STMicroelectronics AN3393 Datasheet HTML 94Page - STMicroelectronics AN3393 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
DocID018750 Rev 4
91/103
AN3393
First-in first-out (FIFO) buffer
103
The trigger used to activate Stream-to-FIFO, Bypass-to-Stream and Bypass-to-FIFO modes
is related to the INT_SM2 bit value of the STAT register and does not depend on the
interrupt pin value and polarity. The trigger is generated also if the selected interrupt is not
driven to an interrupt pin.
The WTMP[4:0] bits define the watermark level.
10.2.3
FIFO source register (2Fh)
This register is updated at every ODR and provides information about the FIFO buffer
status.
WTM bit is set high when the value of the FSS[4:0] bits exceeds the watermark level in
the WTMP[4:0] bits of the FIFO_CTRL register. The WTM bit is reset when FIFO data
are read and the content of the FSS bits in the FIFO_SRC register becomes lower than
the watermark level (WTMP bits in FIFO_CTRL register).
OVRN bit is set high when the FIFO buffer is full; this means that the FIFO buffer
contains 32 unread samples. At the following ODR a new sample set replaces the
oldest FIFO value.
EMPTY flag is set high when all FIFO samples have been read and FIFO is empty.
FSS[4:0] values provide information about the number of samples in the FIFO, as
shown in Table 101. When FIFO is enabled, this value increases at the ODR frequency
until the buffer is full, whereas, it decreases every time that one sample set is retrieved
from FIFO. When the EMPTY bit is “0”, FSS[4:0] is the number of samples in the
FIFO - 1. When the EMPTY bit is “1”, FSS[4:0] has no meaning and is always equal to
“0”.
Register content is updated synchronous to the FIFO write and read operation.
Table 100. FIFO_SRC_REG
b7
b6
b5
b4
b3
b2
b1
b0
WTM
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 101. FIFO_SRC_REG behavior assuming WTMP[4:0] = 15
WTM
OVRN
Empty
FSS[4:0]
FIFO samples
Timing
0
0
1
00000
0
t0
0
0
0
00000
1
t0 + 1/ODR
0
0
0
00001
2
t0 + 2/ODR
...
...
...
...
...
...
0
0
0
01110
15
t0 + 15/ODR
0
0
0
01111
16
t0 + 16/ODR
1
0
0
10000
17
t0 + 17/ODR
...
...
...
...
...
...
1
0
0
11110
31
t0 + 31ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com