Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 68 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 64Page - STMicroelectronics AN3393 Datasheet HTML 65Page - STMicroelectronics AN3393 Datasheet HTML 66Page - STMicroelectronics AN3393 Datasheet HTML 67Page - STMicroelectronics AN3393 Datasheet HTML 68Page - STMicroelectronics AN3393 Datasheet HTML 69Page - STMicroelectronics AN3393 Datasheet HTML 70Page - STMicroelectronics AN3393 Datasheet HTML 71Page - STMicroelectronics AN3393 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
Operation codes
AN3393
68/103
DocID018750 Rev 4
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
SCS1 command sets register SETT2, bit D_CS to 1:
–
Constant Shift calculated data input type is selected for State Machine 2;
–
The new value of the SETT2 register is valid starting from the next step.
This command affects or is affected by the following registers:
–
PR2: Program and Reset pointer addresses for State Machine 2;
–
SETT2, bit RADI: RAW data / DIFF data input type selector for State Machine 2;
–
CS_X / CS_Y / CS_Z: Constant Shift registers.
6.2.25
SRTAM0 (34h)
The SRTAM0 command configures the R_TAM bit to preserve temporary axis mask.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
SRTAM0 command sets register SETTy, bit RTAM to 0:
–
Temporary axis mask value does not change after valid NEXT condition;
–
The new value of the SETTy register is valid starting from the next step.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
SETTy, bit R_TAM: Temporary axis mask and peak state flag release.
6.2.26
STIM3 (41h)
The STIM3 command sets Timer 3 belonging to the current State Machine to a new value (8
bits - 1st parameter).
This command is an “Immediately executed” type and it takes one parameter:
–
new value to be set in the TIM3_y register (8 bits).
Actions:
1.
The STIM3 command replaces current value of the TIM3_y register address to one
new byte (1st parameter) on the current State Machine:
–
The new value of the TIM3_y register is valid starting from the next step;
–
Program pointer is increased by 2 units: PPy = PPy +2.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
TIM3_y: Timer 3 limit value.
6.2.27
STIM4 (42h)
The STIM4 command sets Timer 4 of the current State Machine to a new value (8 bits - 1st
parameter).
This command is an “Immediately executed” type and it takes one parameter:
–
New value to be set in the TIM4_y register (8 bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com