Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 63 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 59Page - STMicroelectronics AN3393 Datasheet HTML 60Page - STMicroelectronics AN3393 Datasheet HTML 61Page - STMicroelectronics AN3393 Datasheet HTML 62Page - STMicroelectronics AN3393 Datasheet HTML 63Page - STMicroelectronics AN3393 Datasheet HTML 64Page - STMicroelectronics AN3393 Datasheet HTML 65Page - STMicroelectronics AN3393 Datasheet HTML 66Page - STMicroelectronics AN3393 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
DocID018750 Rev 4
63/103
AN3393
Operation codes
103
Actions:
1.
Change selected temporary mask one axis sign to the opposite:
–
If sign(axis) is positive, new sign(axis) is negative;
–
If sign(axis) is negative, new sign(axis) is positive;
–
If axis information is zero, no changes.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses.
6.2.14
REL (DDh)
The REL command releases the temporary axis mask information.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
Reset temporary masks to default value.
2.
If SETTy, bit P_DET == 1:
–
PEAKy = 0;
–
Reset peak detection to initial phase.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
SETTy, bit P_DET: Peak detection settings;
–
PEAKy: Peak output value.
6.2.15
STHR3 (EEh)
The STHR3 command sets the threshold 3 register to a new value (1st parameter).
This command is an “Immediately executed” type and it takes one parameter:
–
New value to be set in THRS3_y register (8 bits).
Actions:
1.
The STHR3 command sets the value of the THRS3_y register to a new value (8 bits -
1st parameter):
–
The new value of THRS3_y register is valid when the next step starts;
–
Program pointer is increased by 2 units: PPy = PPy +2.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
THRS3_y: Threshold 3 limit value.
6.2.16
SSYNC (FFh)
The SYNC command switches execution from one state machine to the other one. This
command takes effect only when both State Machine 1 and State Machine 2 are enabled
(through SM1_EN and SM2_EN bits in CTRL_REG1 and CTRL_REG2 registers).
Execution waits for halt release from the other state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com