Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 46Page - STMicroelectronics AN3393 Datasheet HTML 47Page - STMicroelectronics AN3393 Datasheet HTML 48Page - STMicroelectronics AN3393 Datasheet HTML 49Page - STMicroelectronics AN3393 Datasheet HTML 50Page - STMicroelectronics AN3393 Datasheet HTML 51Page - STMicroelectronics AN3393 Datasheet HTML 52Page - STMicroelectronics AN3393 Datasheet HTML 53Page - STMicroelectronics AN3393 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
Operation codes
AN3393
50/103
DocID018750 Rev 4
6.1.1
NOP (0h)
NOP (no operation) is used as filler for the NEXT/RESET pair for some particular conditions
which don’t need an active opposite condition.
–
If NOP is in RESET condition: do nothing and move to NEXT condition;
–
If NOP is in NEXT condition: do nothing and stay in the same state re-evaluating
the RESET condition when a new sample arrives;
–
If NOP opcode in NEXT condition is not real: use case;
–
No outputs.
6.1.2
TI1 (1h)
TI1 condition counts and evaluates the counter value of the TCy register.
If a new sample set (X, Y, Z, V) occurs, then TCy = TCy - 1:
–
If TCy > 0 (counter is not full): continue comparisons in the current state (wait for
new samples);
–
If TCy == 0 (counter is full): Timer TI1 condition (NEXT or RESET) is valid.
This condition affects or is affected by the following registers:
–
TIM1_y is 16 bits unsigned initial value;
–
PRy: Program and Reset pointer addresses.
6.1.3
TI2 (2h)
TI2 condition counts and evaluates the counter value of the TCy register.
If a new sample set (X,Y,Z,V) occurs, then TCy = TCy - 1:
–
If TCy > 0 (counter is not full): continue comparisons in the current state (wait for
new samples);
–
If TCy == 0 (counter is full): Timer TI2 condition (NEXT or RESET) is valid.
This condition affects or is affected by the following registers:
–
TIM2_y is 16 bits unsigned initial value;
–
PRy: Program and Reset pointer addresses.
6.1.4
TI3 (3h)
TI3 condition counts and evaluates the counter value of the TCy register.
Ch
LRTH1
Any/triggered axis less than or equal
to reversed THRS1
First axis triggers
Dh
GRTH2
Any/triggered axis greater than
reversed THRS2
First axis triggers
Eh
LRTH2
Any/triggered axis less than or equal
to reversed THRS2
First axis triggers
Fh
NZERO
Any axis zero crossed
First axis triggers
Table 83. Conditions (continued)
OP code
Mnemonic
Description
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com