Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 88 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 84Page - STMicroelectronics AN3393 Datasheet HTML 85Page - STMicroelectronics AN3393 Datasheet HTML 86Page - STMicroelectronics AN3393 Datasheet HTML 87Page - STMicroelectronics AN3393 Datasheet HTML 88Page - STMicroelectronics AN3393 Datasheet HTML 89Page - STMicroelectronics AN3393 Datasheet HTML 90Page - STMicroelectronics AN3393 Datasheet HTML 91Page - STMicroelectronics AN3393 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
First-in first-out (FIFO) buffer
AN3393
88/103
DocID018750 Rev 4
10
First-in first-out (FIFO) buffer
In order to limit intervention by the host processor and facilitate post-processing data for
event recognition, the LIS3DSH embeds a first-in, first-out buffer (FIFO) for each of the
three output channels, X, Y, and Z.
FIFO use allows consistent power saving for the system; it can wake up only when needed
and burst the significant data out from the FIFO.
The FIFO buffer can work according to six different modes that guarantee a high level of
flexibility during application development: Bypass mode, FIFO mode, Stream mode, Stream-
to-FIFO mode, Bypass-to-Stream mode and Bypass-to-FIFO mode.
The programmable watermark level, FIFO overrun and FIFO empty events can be enabled
to generate dedicated interrupts on the INT1 pin.
10.1
FIFO description
The FIFO buffer is able to store up to 32 acceleration samples of 16 bits for each channel;
data are stored in the 16-bit two’s complement left-justified representation.
The data sample set consists of 6 bytes (Xl, Xh, Yl, Yh, Zl, and Zh) and they are released to
the FIFO at the selected output data rate (ODR).
The new sample set is placed in the first empty FIFO slot until the buffer is full, therefore, the
oldest value is overwritten.
Table 95. FIFO buffer full representation (32nd sample set stored)
Output
registers
28h
29h
2Ah
2Bh
2Ch
2Dh
Xl(0)
Xh(0)
Yl(0)
Yh(0)
Zl(0)
Zh(0)
FIFO index
FIFO sample set
FIFO(0)
Xl(0)
Xh(0)
Yl(0)
Yh(0)
Zl(0)
Zh(0)
FIFO(1)
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO(2)
Xl(2)
Xh(2)
Yl(2)
Yh(2)
Zl(2)
Zh(2)
FIFO(3)
Xl(3)
Xh(3)
Yl(3)
Yh(3)
Zl(3)
Zh(3)
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FIFO(30)
Xl(30)
Xh(30)
Yl(30)
Yh(30)
Zl(30)
Zh(30)
FIFO(31)
Xl(31)
Xh(31)
Yl(31)
Yh(31)
Zl(31)
Zh(31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com