Electronic Components Datasheet Search
  English  ▼

X  

AN3393 Datasheet(PDF) 77 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 73Page - STMicroelectronics AN3393 Datasheet HTML 74Page - STMicroelectronics AN3393 Datasheet HTML 75Page - STMicroelectronics AN3393 Datasheet HTML 76Page - STMicroelectronics AN3393 Datasheet HTML 77Page - STMicroelectronics AN3393 Datasheet HTML 78Page - STMicroelectronics AN3393 Datasheet HTML 79Page - STMicroelectronics AN3393 Datasheet HTML 80Page - STMicroelectronics AN3393 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
DocID018750 Rev 4
77/103
AN3393
Examples of state machine configurations
103
9
Examples of state machine configurations
9.1
Toggle
Toggle is a simple state machine configuration that generates an interrupt every n sample.
The idea is to use a timer to count n samples. To do this, in the first state of the machine the
RESET condition is ignored (NOP) and the NEXT condition contains a simple timer (TI3)
which counts three samples.
Figure 16. Toggle state machine
Table 88. Register configuration for toggle application
Register
Address
Value
CTRL_REG1
21h
01h
CTRL_REG3
23h
48h
CTRL_REG4
20h
67h
CTRL_REG5
24h
00h
TIM3_1
51h
03h
ST1_1
40h
03h
ST1_2
41h
11h
SETT1
5Bh
01h
AM14782V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com