Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 2Page - STMicroelectronics UM1491 Datasheet HTML 3Page - STMicroelectronics UM1491 Datasheet HTML 4Page - STMicroelectronics UM1491 Datasheet HTML 5Page - STMicroelectronics UM1491 Datasheet HTML 6Page - STMicroelectronics UM1491 Datasheet HTML 7Page - STMicroelectronics UM1491 Datasheet HTML 8Page - STMicroelectronics UM1491 Datasheet HTML 9Page - STMicroelectronics UM1491 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
System architecture
UM1491
6/25
Doc ID 022479 Rev 1
2
System architecture
A generic motor control system can be schematized as the arrangement of four main blocks
(
Figure 2).
●
Control block: its main tasks are to accept user command and motor drive configuration
parameters, and to provide digital signals to implement the appropriate motor driving
strategy
●
Power block: it performs the power conversion from the DC bus, transferring it to the
motor by means of a 3-phase inverter topology
●
The motor: the STEVAL-IHM021V2 board can drive any PMSM, but the FOC itself is
conceived for sinusoidal-shaped back-EMF
●
Power supply block: it can accept input voltages of 86 to 260 Vac and provides the
appropriate levels to supply both the control block and power block devices
Figure 2.
Motor control system architecture
Of the above motor control system architecture, the STEVAL-IHM021V2 includes the Power
Supply and Power hardware blocks.
The power block, based on the high voltage gate driver L6390 and power MOSFET
STD5N52U, converts the signals coming from the control block into power signals capable
of correctly driving the 3-phase inverter, and therefore the motor.
The power supply can be fed with 110 or 230 Vac mains, and the maximum allowed input
power is 100 W at 230 Vac (refer to
Section 7).
In the control block, a J3 connector is mounted on both the STEVAL-IHM021V2 and the
STM3210B-EVAL, which allows the STM32 microcontroller demonstration board to be used
as a hardware platform for development. Minor modifications may be applied to the “STM32
FOC firmware libraries v2.0” for these to be used as a software platform for the sensorless
control of PMSMs (see
Section 9.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com