Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 12Page - STMicroelectronics UM1491 Datasheet HTML 13Page - STMicroelectronics UM1491 Datasheet HTML 14Page - STMicroelectronics UM1491 Datasheet HTML 15Page - STMicroelectronics UM1491 Datasheet HTML 16Page - STMicroelectronics UM1491 Datasheet HTML 17Page - STMicroelectronics UM1491 Datasheet HTML 18Page - STMicroelectronics UM1491 Datasheet HTML 19Page - STMicroelectronics UM1491 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
STEVAL-IHM021V2 schematic diagrams
UM1491
16/25
Doc ID 022479 Rev 1
8.1
Gate driving circuit
Figure 9 shows the circuit used to turn the power MOSFETs on and off.
Figure 9.
Detailed gate driving circuit
During the turn-on phase, the power MOSFET gate capacitances are charged through 50-
Ω
resistors while the turn-off is secured by the D3 diode (or similar).
Use of the L6390 device guarantees a minimum adjustable dead time (DT). This dead time
is applied to the HVG and LVG outputs whenever a dead time shorter than DT is present on
the HIN and LIN inputs. The R12, R32 and R52 values being equal to 47 k
Ω, set the
minimum dead time to approximately 600 ns.
8.2
Overcurrent protection
Hardware overcurrent protection has been implemented on the board, taking advantage of
the comparator integrated inside the L6390. The internal connection between the
comparator output and the shutdown block makes the intervention time of the overcurrent
protection extremely low, slightly above 100 ns.
Since the overcurrent protection acts as soon as the voltage on CP+ rises above Vref
(approximately equal to 0.53 V), and given the default value of the shunt resistors (equal to
1.8/4 =0.45
Ω), it follows that the default value for the maximum allowed current (ICP) is
equal to:
Equation 1
If necessary, the threshold can be decreased by adding R37 (and similarly R55 and R18)
with the formula:
Equation 2
Similarly, the threshold can be increased by adding R44 (and similar) with the formula:
Equation 3
A
15
.
1
R
V
I
shunt
Ref
CP
≅
=
R40
R37
with
R40
R37
R40
3.3
V
R37
R37
R40
R
1
I
ref
shunt
CP
>>
⎥⎦
⎤
⎢⎣
⎡
+
−
+
⋅
=
R40
R37
with
R44
R40
1
R
V
I
shunt
ref
CP
>>
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com