Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 6Page - STMicroelectronics UM1491 Datasheet HTML 7Page - STMicroelectronics UM1491 Datasheet HTML 8Page - STMicroelectronics UM1491 Datasheet HTML 9Page - STMicroelectronics UM1491 Datasheet HTML 10Page - STMicroelectronics UM1491 Datasheet HTML 11Page - STMicroelectronics UM1491 Datasheet HTML 12Page - STMicroelectronics UM1491 Datasheet HTML 13Page - STMicroelectronics UM1491 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
STD5N52U characteristics
UM1491
10/25
Doc ID 022479 Rev 1
5
STD5N52U characteristics
The STD5N52U is an N-channel power MOSFET in a DPAK package (520 V, 1.22
Ω,
4.4 A). The Zener-protected STD5N52U employs UltraFASTmesh™ technology and has
been specifically designed for applications where a body-drain diode with an extremely low
trr is required (motor control, lighting in full bridge topology, inverters for LCD TV, etc.).
Figure 4.
STD5N52U
●
VDSS = 520 V
●
RDS(on) < 1.5 Ω
●
ID = 4.4 A
Note:
Stresses above the limits shown in Table 1 may cause permanent damage to the device.
Table 1.
STD5N52U absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source (VGS = 0)
520
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)520
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25°C
4.4
A
ID
Drain current (continuous) at TC = 100°C
2.7
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
17.6
A
PTOT
Total dissipation at TC = 25°C
70
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com