Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 14Page - STMicroelectronics UM1491 Datasheet HTML 15Page - STMicroelectronics UM1491 Datasheet HTML 16Page - STMicroelectronics UM1491 Datasheet HTML 17Page - STMicroelectronics UM1491 Datasheet HTML 18Page - STMicroelectronics UM1491 Datasheet HTML 19Page - STMicroelectronics UM1491 Datasheet HTML 20Page - STMicroelectronics UM1491 Datasheet HTML 21Page - STMicroelectronics UM1491 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
STEVAL-IHM021V2 schematic diagrams
UM1491
18/25
Doc ID 022479 Rev 1
Note that the IMAX value can be modified by simply changing the values of the shunt
resistors.
8.4
Brake function
The STEVAL-IHM021V2 demonstration board provides a brake function that, through the
pull-up of a single brake signal, simultaneously turns the three low-side switches ON,
shorting the 3-phase load. The feature is accessed using one single small-signal bipolar
transistor (Q7), whose function is to pull down the cathodes of six small signal diodes
connected to each of the six logic inputs (HIN1,
, HIN2,
, HIN3,
) of the
L6390 gate drivers. The in-series resistors together with the input lines avoid any conflict
with the external controller input signals, giving priority to the brake signal (see
Figure 11).
Figure 11.
Brake circuit
The brake signal is active high and 3.3/5 V compatible.
Warning:
This feature is mandatory in applications that require the
motor to operate in the flux-weakening region. In these
conditions, the back-EMF generated by the rotor spinning is
greater than the bus voltage and the brake feature prevents
the motor from acting as a generator, and destructively
charging the bus capacitance.
Table 3.
Truth table
HINx
Brake
LVGx
HVGx
Load
x
x
0
x
0
0
Tri-state
xx
1
1
1
0
brake
001
0
1
0
Normal operation
011
0
0
0
101
0
0
0
111
0
0
1
LIN 1
LIN 2
LIN 3
LIN x
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com