Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 13Page - STMicroelectronics UM1491 Datasheet HTML 14Page - STMicroelectronics UM1491 Datasheet HTML 15Page - STMicroelectronics UM1491 Datasheet HTML 16Page - STMicroelectronics UM1491 Datasheet HTML 17Page - STMicroelectronics UM1491 Datasheet HTML 18Page - STMicroelectronics UM1491 Datasheet HTML 19Page - STMicroelectronics UM1491 Datasheet HTML 20Page - STMicroelectronics UM1491 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
UM1491
STEVAL-IHM021V2 schematic diagrams
Doc ID 022479 Rev 1
17/25
8.3
Current sensing amplifying network
Figure 10 shows the current sensing amplifying network during phase 2.
Figure 10.
Current sensing amplifying network
The voltage at node “OPOUT2” can be computed as the sum of a bias and a signal
component, respectively equal to:
Equation 4
Equation 5
With the default values this gives:
●
●
As such, the maximum current amplifiable without distortion is equal to:
Equation 6
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
=
R42
R39
R38
1
R41//R43
R36
R41//R43
3.3
VBIAS
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
⋅
⋅
=
R42
R39
R38
1
R36//R43
R41
R36//R43
R
I
V
SHUNT
SIGN
V
1.86
VBIAS =
I
R
2.91
V
SHUNT
SIGN
⋅
⋅
=
A
1
.
1
R
495
.
0
R
91
.
2
86
.
1
3
.
3
I
SHUNT
SHUNT
MAX
=
=
⋅
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com