Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1491 Datasheet HTML 1Page - STMicroelectronics UM1491 Datasheet HTML 2Page - STMicroelectronics UM1491 Datasheet HTML 3Page - STMicroelectronics UM1491 Datasheet HTML 4Page - STMicroelectronics UM1491 Datasheet HTML 5Page - STMicroelectronics UM1491 Datasheet HTML 6Page - STMicroelectronics UM1491 Datasheet HTML 7Page - STMicroelectronics UM1491 Datasheet HTML 8Page - STMicroelectronics UM1491 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
November 2011
Doc ID 022479 Rev 1
1/25
UM1491
User manual
100 W 3-phase inverter demonstration board using the
L6390 and STD5N52U for vector control
Introduction
The 100 W 3-phase inverter demonstration board features the L6390 and STD5N52U for
field-oriented control (FOC) of permanent magnet synchronous motors (PMSM). Also
referred to by order code STEVAL-IHM021V2, this 3-phase inverter is designed to perform
the FOC of sinusoidal-shaped back-EMF PMSMs with or without sensors, with nominal
power up to 100 W. The flexible, open, high-performance design consists of a 3-phase
inverter bridge based on:
■ the STD5N52U power MOSFET in a DPAK package, with enhanced fast body-drain
recovery diode
■ the L6390 device, which is part of the latest high-voltage half-bridge gate driver family
featuring an integrated comparator for implementation of hardware protection (i.e.
overcurrent, overtemperature, etc.)
■ an embedded operational amplifier suitable for advanced current sensing
The system is specifically designed to achieve fast and accurate conditioning of the current
feedback, thereby matching the requirements typical of high-end applications such as field-
oriented motor control. As an alternative to the STD5N52U, the STGD6NC60HD or
STGDL6NC60DI IGBT devices may be used on the board without replacing the switch
driving network.
The board is compatible with 110 and 230 Vac mains, and includes a power supply stage
with the VIPer12A-E (in buck configuration) to generate the +15 V and +3.3 V supply voltage
required by the application. Finally, the board can be interfaced with the STM3210B-EVAL
(STM32 microcontroller demonstration board) through a dedicated connector.
Figure 1.
STEVAL-IHM021V2 demonstration board
www.st.com


Similar Part No. - UM1491

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1494 STMICROELECTRONICS-UM1494 Datasheet
722Kb / 23P
The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
13-Mar-2012
More results

Similar Description - UM1491

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
Demonstration board using the PD84002 for UHF RFID reader
22-Sep-2007
STEVAL-IHM019V1 STMICROELECTRONICS-STEVAL-IHM019V1 Datasheet
232Kb / 4P
Complete inverter for low power 3-phase asynchronous motors demonstration board
12-Nov-2008
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
26-Sep-2011
STEVAL-IHM024V1 STMICROELECTRONICS-STEVAL-IHM024V1 Datasheet
174Kb / 5P
100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
29-Oct-2009
STEVAL-IHM032V1 STMICROELECTRONICS-STEVAL-IHM032V1 Datasheet
140Kb / 4P
150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
25-Oct-2011
STEVAL-ILL030V1 STMICROELECTRONICS-STEVAL-ILL030V1 Datasheet
197Kb / 12P
LED lighting control demonstration board using DMX512 based on the STM32F103C6 and STCS1A
24-Nov-2010
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
demonstration board using the VIPer16LN
01-Aug-2011
AN3134 STMICROELECTRONICS-AN3134 Datasheet
716Kb / 10P
EVAL6229QR demonstration board using the L6229Q DMOS driver for a three-phase BLDC motor control application
13-Apr-2010
UM0580 STMICROELECTRONICS-UM0580 Datasheet
994Kb / 24P
100 W 3 phase inverter featuring L6390 and STD5NK52ZD
29-Sep-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com