Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 7Page - STMicroelectronics UM1491 Datasheet HTML 8Page - STMicroelectronics UM1491 Datasheet HTML 9Page - STMicroelectronics UM1491 Datasheet HTML 10Page - STMicroelectronics UM1491 Datasheet HTML 11Page - STMicroelectronics UM1491 Datasheet HTML 12Page - STMicroelectronics UM1491 Datasheet HTML 13Page - STMicroelectronics UM1491 Datasheet HTML 14Page - STMicroelectronics UM1491 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
UM1491
Electrical characteristics of the board
Doc ID 022479 Rev 1
11/25
6
Electrical characteristics of the board
Stresses above the limits shown in
Table 2 may cause permanent damage to the devices
present inside the board. These are stress ratings only and functional operation of the
device under these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
A 15 V bias current measurement may be useful to check the working status of the board. If
the measured value is considerably higher than the typical value, some damage has
occurred to the board. Supply the control board using a 15 V power supply connected to
J10, respecting the polarity.
Warning:
To avoid damaging the board when feeding the +15 V voltage
supply through the auxiliary connector (J10), remove jumper
J8 and supply the +15 V
before connecting the mains.
Table 2.
Board electrical characteristics
Board parameters
STEVAL-IHM021V2
Unit
Min
Max
15 V auxiliary supply range - J10
14.5
17
V
15 V bias current (typical)
8
10
mA
Vmains - J7
30
270
Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com