Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 16Page - STMicroelectronics UM1491 Datasheet HTML 17Page - STMicroelectronics UM1491 Datasheet HTML 18Page - STMicroelectronics UM1491 Datasheet HTML 19Page - STMicroelectronics UM1491 Datasheet HTML 20Page - STMicroelectronics UM1491 Datasheet HTML 21Page - STMicroelectronics UM1491 Datasheet HTML 22Page - STMicroelectronics UM1491 Datasheet HTML 23Page - STMicroelectronics UM1491 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Using the STEVAL-IHM021V2 with the “STM32 PMSM FOC SDK v3.0” firmware library
UM1491
20/25
Doc ID 022479 Rev 1
Figure 12.
Example of isolation circuit for Triac-based application
9.2
Hardware requirements
The following items are required to run a permanent magnet synchronous motor with the
STEVAL-IHM021V2 and
“STM32 PMSM FOC SDK v3.0”:
●
The STEVAL-IHM021V2 board
●
Any available STM32-based control stage featuring a motor control connector (e.g.
STM32100B-EVAL)
●
A high-voltage insulated AC power supply up to 230 Vac
●
A J-link programmer (not included in the package)
●
A J-link insulating board (not included in the package)
●
A 3-phase brushless motor with permanent magnet rotor (not included in the package)
●
An insulated oscilloscope (as necessary)
●
An insulated multimeter (as necessary)
9.3
Software requirements
To customize, compile and download the
“STM32 PMSM FOC SDK v3.0” motor control
firmware, the IAR tool
“EWARM v6.10” (or later) must be installed. The free, 32 k limited
version (referenced as the
“KickStart” version) is available for downloading at:
http://supp.iar.com/Download/SW/?item=EWARM-KS32-442A.
Web distribution of
“STM32 PMSM FOC SDK v3.0” can be downloaded from:
http://www.st.com/internet/com/SOFTWARE_RESOURCES/SW_COMPONENT/FIRM
WARE/stm32_pmsm_foc_motorcontrol_fwlib.zip
The ST MC Workbench PC configuration tool for
“STM32 PMSM FOC SDK v3.0” can be
downloaded from:
http://www.st.com/internet/com/SOFTWARE_RESOURCES/TOOL/CONFIGURATION
_UTILITY/motorcontrol_workbench.zip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com