Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 8Page - STMicroelectronics UM1491 Datasheet HTML 9Page - STMicroelectronics UM1491 Datasheet HTML 10Page - STMicroelectronics UM1491 Datasheet HTML 11Page - STMicroelectronics UM1491 Datasheet HTML 12Page - STMicroelectronics UM1491 Datasheet HTML 13Page - STMicroelectronics UM1491 Datasheet HTML 14Page - STMicroelectronics UM1491 Datasheet HTML 15Page - STMicroelectronics UM1491 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Board architecture
UM1491
12/25
Doc ID 022479 Rev 1
7
Board architecture
The STEVAL-IHM021V2 can be schematized as shown in
Figure 5.
Figure 5.
STEVAL-IHM021V2 block diagram
7.1
Power supply
The power supply can address an AC input voltage ranging from 30 Vac up to 270 Vac. The
alternating current input is rectified by a diode bridge and a bulk capacitor to generate a
direct current bus voltage approximately equal to
√2 Vac (neglecting the voltage drop across
the diodes and the bus voltage ripple). A VIPer12A-E is then used in a buck converter
configuration to generate the +15-V supply voltage of the gate drivers. Finally, a linear
regulator (L78L33ABUTR) is used to generate the 3.3 V used to pull up the low-side gate
driver inputs so as to prevent the undesired turn-on of low-side switches when the J5
connector is unplugged.
Figure 6 shows a block diagram of the power supply.
Figure 6.
Power supply block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com