Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 3Page - STMicroelectronics UM1491 Datasheet HTML 4Page - STMicroelectronics UM1491 Datasheet HTML 5Page - STMicroelectronics UM1491 Datasheet HTML 6Page - STMicroelectronics UM1491 Datasheet HTML 7Page - STMicroelectronics UM1491 Datasheet HTML 8Page - STMicroelectronics UM1491 Datasheet HTML 9Page - STMicroelectronics UM1491 Datasheet HTML 10Page - STMicroelectronics UM1491 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
UM1491
Safety and operating instructions
Doc ID 022479 Rev 1
7/25
3
Safety and operating instructions
3.1
General
Warning:
During assembly and operation, the STEVAL-IHM021V2
demonstration board poses several inherent hazards,
including bare wires, moving or rotating parts and hot
surfaces. Serious personal injury and damage to property
may occur if the kit or its components are used or installed
incorrectly.
All operations involving transportation, installation and use, as well as maintenance, should
be performed by skilled technical personnel (applicable national accident prevention rules
must be observed).
Skilled technical personnel refers to suitably-qualified people who are
familiar with the installation, use and maintenance of electronic power systems.
3.2
Intended use of the demonstration board
The STEVAL-IHM021V2 demonstration board is designed for demonstration purposes
only,
and must not be used for electrical installations or machinery. Technical data and
information concerning the power supply conditions are detailed in the documentation and
should be strictly observed.
3.3
Installing the demonstration board
The installation and cooling of the demonstration board must be in accordance with the
specifications and target application.
●
The motor drive converters must be protected against excessive strain. In particular,
components should not be bent or isolating distances altered during transportation or
handling.
●
No contact must be made with other electronic components and contacts.
●
The board contains electrostatically-sensitive components that are prone to damage if
used incorrectly. Do not mechanically damage or destroy the electrical components
(potential health risks).
3.4
Electronic connections
Applicable national accident prevention rules must be followed when working on the main
power supply with a motor drive. The electrical installation must be completed in accordance
with the appropriate requirements (for example, cross-sectional areas of conductors, fusing,
PE connections, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com