Electronic Components Datasheet Search
  English  ▼

X  

UM1491 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 15Page - STMicroelectronics UM1491 Datasheet HTML 16Page - STMicroelectronics UM1491 Datasheet HTML 17Page - STMicroelectronics UM1491 Datasheet HTML 18Page - STMicroelectronics UM1491 Datasheet HTML 19Page - STMicroelectronics UM1491 Datasheet HTML 20Page - STMicroelectronics UM1491 Datasheet HTML 21Page - STMicroelectronics UM1491 Datasheet HTML 22Page - STMicroelectronics UM1491 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
UM1491
Using the STEVAL-IHM021V2 with the “STM32 PMSM FOC SDK v3.0” firmware library
Doc ID 022479 Rev 1
19/25
9
Using the STEVAL-IHM021V2 with the “STM32 PMSM
FOC SDK v3.0” firmware library
The
“STM32 PMSM FOC SDK v3.0” is a firmware library for STM32 that can be used in
conjunction with STEVAL-IHM021v2 to perform the field-oriented control (FOC) of a
permanent magnet synchronous motor (PMSM) in both sensor and sensorless
configurations.
This section describes how to configure
“STM32 PMSM FOC SDK v3.0” with its related PC
configuration tool (ST MC Workbench) in order to be compatible with the STEVAL-
IHM021V2.
9.1
Environmental considerations
Warning:
The STEVAL-IHM021V2 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
Any measurement equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents a shock from occurring
as a result of touching any single point in the circuit, but
does NOT prevent shocks when touching two or more points
in the circuit.
An isolated AC power supply can be constructed using an isolation transformer and a
variable transformer. An example of an isolation circuit in a Triac-based application is shown
in figure 13. Although this application note was written for Triac, the isolation constraints still
apply for switching semiconductor devices such as MOSFETs.
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com