Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 49Page - STMicroelectronics AN3338 Datasheet HTML 50Page - STMicroelectronics AN3338 Datasheet HTML 51Page - STMicroelectronics AN3338 Datasheet HTML 52Page - STMicroelectronics AN3338 Datasheet HTML 53Page - STMicroelectronics AN3338 Datasheet HTML 54Page - STMicroelectronics AN3338 Datasheet HTML 55Page - STMicroelectronics AN3338 Datasheet HTML 56Page - STMicroelectronics AN3338 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Doc ID 18441 Rev 4
53/72
AN3338
Power losses and dissipation
72
4
Power losses and dissipation
The total power losses in an inverter are comprised of conduction losses, switching losses,
and off-state losses and they are essentially generated by the power devices of the inverter
stage, such as the IGBTs and the freewheeling diodes. The conduction losses (Pcond) are
the on-state losses during the conduction phase. The switching losses (Psw) are the
dynamic losses encountered during the turn-on and the turn-off. The off-state losses, due to
the blocking voltage and leakage current, can be neglected.
Finally, the total power losses are given by:
Equation 17
Figure 34 shows a typical waveform of an inductive hard switching application such as a
motor drive, where the major sources of power losses are specified.
4.1
Conduction power losses
The conduction losses are caused by IGBT and freewheeling diode forward voltage drop at
rated current. They can be calculated using a linear approximation of the forward
characteristics for both IGBT and diode, having a series connection of DC voltage source
representing the threshold voltage, VTO for IGBT, (and VFO for diode) and a collector emitter
on-state resistance, RCE, (and anode cathode on-state resistance, RAK), as shown in
Figure 35, for reference.
sw
cond
tot
P
P
P
+
≈
Figure 34. Typical IGBT power losses
AM09357v1
V
CE
I
C
10% I
C
10% V
CE
10% V
CE
10% I
C
E
sw(on)
E
sw(off)
V
CE(sat)
t
c(on)
t
c(off)
conduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com