Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 2Page - STMicroelectronics AN3338 Datasheet HTML 3Page - STMicroelectronics AN3338 Datasheet HTML 4Page - STMicroelectronics AN3338 Datasheet HTML 5Page - STMicroelectronics AN3338 Datasheet HTML 6Page - STMicroelectronics AN3338 Datasheet HTML 7Page - STMicroelectronics AN3338 Datasheet HTML 8Page - STMicroelectronics AN3338 Datasheet HTML 9Page - STMicroelectronics AN3338 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Inverter design concept and SLLIMM solution
AN3338
6/72
Doc ID 18441 Rev 4
1
Inverter design concept and SLLIMM solution
Motor drive applications, ranging from a few tens of watts to mega watts, are mainly based
on the inverter concept thanks to the fact that this solution can meet efficiency, reliability,
size, and cost constraints required in a number of markets.
As shown in Figure 1, an inverter for motor drive applications is basically composed of a
power stage, mainly based on IGBTs and freewheeling diodes; a driving stage, based on
high voltage gate drivers; a control unit, based on microcontrollers or DSPs; some optional
sensors for protections and feedback signals for controls.
The approach of this solution with discrete devices produces high manufacturing costs
associated with high reliability risks, bigger size and higher weight, a considerable number
of components and the significant stray inductances and dispersions in the board layout.
In recent years, the use of intelligent power modules has rapidly increased thanks to the
benefits of greater integration levels. The new ST SLLIMM family is able to replace more
than 30 discrete devices in a single package. Figure 2 shows a comparison between a
discrete-based inverter and the SLLIMM solution, the advantages of SLLIMM can be easily
understood and can be summarized in a significantly improved design time, reduced
manufacturing efforts, higher flexibility in a wide range of applications, and increased
reliability and quality level.
In addition, the optimized silicon chips in both control and power stages and the optimized
board layout provide maximized efficiency, reduced EMI and noise generation, higher levels
of protection, and lower propagation delay time.
Figure 1. Inverter motor drive block diagram
Gate driver
Power stage
Sensors
Bridge rectifier
Microcontroller
M
Feedback
Mains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com