Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 69 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 64Page - STMicroelectronics AN3338 Datasheet HTML 65Page - STMicroelectronics AN3338 Datasheet HTML 66Page - STMicroelectronics AN3338 Datasheet HTML 67Page - STMicroelectronics AN3338 Datasheet HTML 68Page - STMicroelectronics AN3338 Datasheet HTML 69Page - STMicroelectronics AN3338 Datasheet HTML 70Page - STMicroelectronics AN3338 Datasheet HTML 71Page - STMicroelectronics AN3338 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
Doc ID 18441 Rev 4
69/72
AN3338
Design and mounting guidelines
72
The SLLIMM is an ESD sensitive device, it may be damaged in the case of ESD shocks. All
equipment used to handle power modules must comply with ESD standards including
transportation, storage, and assembly.
Transportation
Be careful when handling the SLLIMM and packaging material. Ensure that the module is
not subjected to mechanical vibration or shock during transport. Do not toss or drop to
ensure the SLLIMM is correctly functioning before boarding. Wet conditions are dangerous
and moisture can also adversely affect the packaging. Hold the package avoiding touching
the leads during mounting. Put package boxes upside down, leaning them or giving them
uneven stress may cause the terminals to be deformed or the resin to be damaged.
Throwing or dropping the packaging boxes may cause the modules to be damaged. Wetting
the packaging boxes may cause the breakdown of modules when operating. Pay particular
care when transporting in wet conditions.
Storage
•
Do not force or load the external pressure to the modules while they are in storage
•
Humidity should be kept within the range of 40% to 75%, the temperature should not go
over 35 °C or below 5 °C
•
Lead solder ability is degraded by lead oxidation or corrosion. So using storage areas
where there is minimal temperature fluctuation is highly recommended
•
The presence of harmful gases or dusty conditions is not acceptable for storage.
•
Use antistatic containers
Electrical shock and thermal injury
•
Do not touch either module or heatsink when SLLIMM is operating to avoid sustaining
an electrical shock and/or a burn injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com