Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 26Page - STMicroelectronics AN3338 Datasheet HTML 27Page - STMicroelectronics AN3338 Datasheet HTML 28Page - STMicroelectronics AN3338 Datasheet HTML 29Page - STMicroelectronics AN3338 Datasheet HTML 30Page - STMicroelectronics AN3338 Datasheet HTML 31Page - STMicroelectronics AN3338 Datasheet HTML 32Page - STMicroelectronics AN3338 Datasheet HTML 33Page - STMicroelectronics AN3338 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Electrical characteristics and functions
AN3338
30/72
Doc ID 18441 Rev 4
An example of a short-circuit event is shown in
Figure 18, where it is possible to note the
very fast protection, thanks to the smart shutdown function, against fault events. The main
steps are:
•
t1: collector current IC starts to rise. SC event is not detected yet due to the RC network
on the CIN pin
•
t2: voltage on VCIN reaches the VREF. SC event is detected and the smart shutdown
starts to turn off the SLLIMM.
•
t3: the SLLIMM is definitively turned off in less than 300 ns (including the td(off) time of
IGBT) from SC detection.
Finally, the total disable time is t3-t2 and the total SC action time is t3-t1.
2.3.10
Overtemperature protection
STGIPS10K60A, STGIPL14K60, and STGIPL20K60 are equipped with a negative
temperature coefficient (NTC) thermistor for an easy overtemperature protection, in the
case of slow case temperature drift or just for the temperature measurements, sending this
information to the microcontroller in real-time. Due to the thermal impedance of SLLIMM
and its own time constant, the NTC thermistor is not suited to detect rapid junction
temperature rise of the power devices directly. Therefore, it cannot be used for short-circuit
or overcurrent protection, but only for slow changes in temperature monitoring.
The resistance versus temperature characteristic of NTC thermistor, represented in
Figure 19, is non-linear and is described by the following expression:
Equation 7
Figure 18. Example of SC event
−
⋅
=
298
1
T
1
B
25 e
R
)
T
(
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com