Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 5Page - STMicroelectronics AN3338 Datasheet HTML 6Page - STMicroelectronics AN3338 Datasheet HTML 7Page - STMicroelectronics AN3338 Datasheet HTML 8Page - STMicroelectronics AN3338 Datasheet HTML 9Page - STMicroelectronics AN3338 Datasheet HTML 10Page - STMicroelectronics AN3338 Datasheet HTML 11Page - STMicroelectronics AN3338 Datasheet HTML 12Page - STMicroelectronics AN3338 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Doc ID 18441 Rev 4
9/72
AN3338
Inverter design concept and SLLIMM solution
72
1.2
Product line-up and nomenclature
Table 1. SLLIMM line-up(1)
1.
For additional information and the complete product portfolio, refer to www.st.com/modules.
Features
Basic version
Fully featured version
STGIPS10K60A
STGIPS14K60
STGIPL14K60
STGIPS20K60
STGIPL20K60
Voltage (V)
600
600
600
600
600
Current @ TC=25 °C
(A)
10
14
15
18
20
RthJC max. single IGBT
(°C/W)
3.8
3
2.8
2.4
2.2
Package type
SDIP-25L
SDIP-25L
SDIP-38L
SDIP-25L
SDIP-38L
Package size
(mm) X, Y, Z
44.4x22.0x5.4
44.4x22.0x5.4
49.6x24.5x5.4
44.4x22.0x5.4
49.6x24.5x5.4
DBC substrate
Yes
Yes
Yes
Yes
Yes
NTC
Yes
No
Yes
No
Yes
Integrated bootstrap
diode
Yes
Yes
Yes
Yes
Yes
SD function
No
Yes
Yes
Yes
Yes
Comparator for fault
protection
No
Yes (1 pin)
Yes (3 pins)
Yes (1 pin)
Yes (3 pins)
Smart shutdown
function
No
Yes
Yes
Yes
Yes
Op amps for advanced
current sensing
No
No
Yes
No
Yes
Interlocking function
Yes
Yes
Yes
Yes
Yes
Undervoltage lockout
Yes
Yes
Yes
Yes
Yes
Open emitter
configuration
Yes (3 pins)
Yes (3 pins)
Yes (3 pins)
Yes (3 pins)
Yes (3 pins)
3.3 / 5 V input interface
compatibility
Yes
Yes
Yes
Yes
Yes
High side IGBT input
signal
Active High
Active High
Active High
Active High
Active High
Low side IGBT input
signal
Active High
Active Low
Active Low
Active Low
Active Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com