Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 16Page - STMicroelectronics AN3338 Datasheet HTML 17Page - STMicroelectronics AN3338 Datasheet HTML 18Page - STMicroelectronics AN3338 Datasheet HTML 19Page - STMicroelectronics AN3338 Datasheet HTML 20Page - STMicroelectronics AN3338 Datasheet HTML 21Page - STMicroelectronics AN3338 Datasheet HTML 22Page - STMicroelectronics AN3338 Datasheet HTML 23Page - STMicroelectronics AN3338 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Electrical characteristics and functions
AN3338
20/72
Doc ID 18441 Rev 4
The typical values of the integrated pull-up/down resistors are shown in
Table 6:
Figure 12. Logic input configuration for STGIPS14K60, STGIPL14K60, STGIPS20K60, and
STGIPL20K60
P
N
V
BOOT
V
CC
OUT
HIN
High side
level
shifting
driver
Low side
driver
UV detection
UV detection
Logic
Shoot-trough
prevention
Shutdown
LIN
LIN
SD
Smart SD
V
REF
+
-
CIN
Bootstrap driver
HVIC
SLLIMM
+5V
Table 6. Integrated pull-up/down resistor values
Input pin
PN
Input pin logic
Internal pull-up
Internal pull-down
High side gate driving
HINU, HINV, HINW
STGIPS10K60A
Active high
500 k
Ω
Low side gate driving
LINU, LINV, LINW
STGIPS10K60A
Active high
500 k
Ω
High side gate driving
HINU, HINV, HINW
STGIPS14K60
STGIPL14K60
STGIPS20K60
STGIPL20K60
Active high
85 k
Ω
Low side gate driving
LINU, LINV, LINW
STGIPS14K60
STGIPL14K60
STGIPS20K60
STGIPL20K60
Active low
720 k
Ω
SD / OD shutdown
STGIPS14K60
STGIPL14K60
STGIPS20K60
STGIPL20K60
Active low
125 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com