Electronic Components Datasheet Search
  English  ▼

X  

AN3338 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 43Page - STMicroelectronics AN3338 Datasheet HTML 44Page - STMicroelectronics AN3338 Datasheet HTML 45Page - STMicroelectronics AN3338 Datasheet HTML 46Page - STMicroelectronics AN3338 Datasheet HTML 47Page - STMicroelectronics AN3338 Datasheet HTML 48Page - STMicroelectronics AN3338 Datasheet HTML 49Page - STMicroelectronics AN3338 Datasheet HTML 50Page - STMicroelectronics AN3338 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
Doc ID 18441 Rev 4
47/72
AN3338
Package
72
Figure 32. Pinout of SDIP-25L package (bottom view)
Table 11. Input and output pins of SDIP-25L package
Pin #
Name
Description
STGIPS10K60A
STGIPS14K60
STGIPS20K60
STGIPS10K60A
STGIPS14K60
STGIPS20K60
1OUTU
High side reference output for U phase
2VbootU
Bootstrap voltage for U phase
3LINU
LINU
Low side logic input for U
phase (active high)
Low side logic input for U
phase (active low)
4HINU
High side logic input for U phase
5VCC
Low voltage power supply
6OUTV
High side reference output for V phase
7VbootV
Bootstrap voltage for V phase
8
GND
Ground
9LINV
LINV
Low side logic input for V
phase (active high)
Low side logic input for V
phase (active low)
10
HINV
High side logic input for V phase
11
OUTW
High side reference output for W phase
12
VbootW
Bootstrap voltage for W phase
13
LINW
LINW
Low side logic input for W
phase (active high)
Low side logic input for W
phase (active low)
14
HINW
High side logic input for W phase
15
T1
SD / OD
NTC thermistor terminal 1
SD logic input (active low) /
open drain (comp output)
16
T2
CIN
NTC thermistor terminal 2
Comparator input
17
NW
Negative DC input for W phase
18
W
W phase output
19
P
Positive DC input
20
NV
Negative DC input for V phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com